Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1021 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1021
Description  Low offset high-side current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1021 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1021 Datasheet HTML 1Page - Diodes Incorporated ZXCT1021 Datasheet HTML 2Page - Diodes Incorporated ZXCT1021 Datasheet HTML 3Page - Diodes Incorporated ZXCT1021 Datasheet HTML 4Page - Diodes Incorporated ZXCT1021 Datasheet HTML 5Page - Diodes Incorporated ZXCT1021 Datasheet HTML 6Page - Diodes Incorporated ZXCT1021 Datasheet HTML 7Page - Diodes Incorporated ZXCT1021 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXCT1021
Issue 9 - July 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics test conditions Tamb = 25°C, VIN = 15V
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
VIN
VCC range
2.5
20
V
VOUT
Output voltage
VSENSE = 30mV
291
300
309
mV
VSENSE = 100mV
0.98
1.00
1.02
V
VSENSE = 150mV
1.47
1.50
1.53
V
ROUT
Output resistance
10
15
20
k
TC
(*)
NOTES:
(*) TC limits are determined by characterization
Output voltage
temperature coefficient
50
300
ppm
IQ
Ground pin current
VSENSE = 0V
25
35
A
VSENSE
(†)
(†) VSENSE = VIN - VLOAD
Sense voltage
VIN = 20V
0
1.5 (‡)
(‡) This will be reduced at lower VIN voltages due to clipping of output voltage.
V
ILOAD
VSENSE- load pin
input current
VSENSE = 0V
100
nA
Acc
Accuracy
VSENSE = 100mV
-2
2
%
Gain
VOUT / VSENSE
VSENSE = 100mV
9.8
10
10.2
V/V
BW
Bandwidth
VSENSE = 10mV
300
kHz
VSENSE = 100mV
2
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com