Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1021 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1021
Description  Low offset high-side current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1021 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1021 Datasheet HTML 1Page - Diodes Incorporated ZXCT1021 Datasheet HTML 2Page - Diodes Incorporated ZXCT1021 Datasheet HTML 3Page - Diodes Incorporated ZXCT1021 Datasheet HTML 4Page - Diodes Incorporated ZXCT1021 Datasheet HTML 5Page - Diodes Incorporated ZXCT1021 Datasheet HTML 6Page - Diodes Incorporated ZXCT1021 Datasheet HTML 7Page - Diodes Incorporated ZXCT1021 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXCT1021
Issue 9 - July 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Pinout information
Voltage on any pin
with respect to END pin
-0.6V to 20V
VSENSE
-0.6V to VIN +0.5V
Operating temperature
-40 to 85°C
Storage temperature
-55 to 150°C
Package power dissipation
(Tamb = 25°C)
SOT23-5
300mW
Pin name
Pin function
N/C
Not internally connected
GND
Ground
VOUT
Voltage output referenced to GND. Intended to drive high impedance loads
VSENSE-
High impedance negative sense voltage input
VSENSE+
Supply and positive sense voltage input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com