Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1021 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1021
Description  Low offset high-side current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1021 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1021 Datasheet HTML 1Page - Diodes Incorporated ZXCT1021 Datasheet HTML 2Page - Diodes Incorporated ZXCT1021 Datasheet HTML 3Page - Diodes Incorporated ZXCT1021 Datasheet HTML 4Page - Diodes Incorporated ZXCT1021 Datasheet HTML 5Page - Diodes Incorporated ZXCT1021 Datasheet HTML 6Page - Diodes Incorporated ZXCT1021 Datasheet HTML 7Page - Diodes Incorporated ZXCT1021 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 9 - July 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXCT1021
Low offset high-side current monitor
Description
Ordering information
The ZXCT1021 is a precision high-side current
sense monitor. Using this type of device
eliminates the need to disrupt the ground
plane when sensing a load current.
The ZXCT1021 provides a fixed gain of 10 for
applications where minimal sense voltage is
required.
The very low offset voltage enables a typical
accuracy of 3% for sense voltages of only 10mV,
giving
better
tolerances
for
small
sense
resistors necessary at higher currents.
The wide input voltage range of 20V down to as
low as 2.5V make it suitable for a range of
applications.
With
a
minimum
operating
current of just 25µA, combined with its SOT23-
5 package make it suitable for portable battery
equipment too.
Features
•
Accurate high-side current sensing
•
Output voltage scaling
•
2.5V – 20V supply range
•25 A quiescent current
•
1% typical accuracy
•
SOT23-5 package
Applications
•
Battery chargers
•
Smart battery packs
•
DC motor control
•
Over current monitor
•
Power management
•
Level translating
•
Programmable current source
Pinout information
Typical application circuit
Order reference
Package
Device
marking
Status
Reel size
(inches)
Quantity
per reel
Tape width
(mm)
ZXCT1021E5TA
SOT23-5
1021
Released
7
3000
8
NC
GND
VOUT
VSENSE-
VSENSE+
Pinout - top view


Similar Part No. - ZXCT1021

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1021 ZETEX-ZXCT1021 Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1021E5TA ZETEX-ZXCT1021E5TA Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1021E5TA ZETEX-ZXCT1021E5TA Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
More results

Similar Description - ZXCT1021

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
High-side low drift current monitor
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
Low offset high-side current monitor
ZXCT1020 ZETEX-ZXCT1020 Datasheet
1Mb / 14P
Low offset current output current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
High-side low drift current monitor
JULY 2005
ZXCT1020 DIODES-ZXCT1020 Datasheet
1Mb / 14P
Low offset current output current monitor
AUGUST 2007
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
Low offset high-side current monitor
MARCH 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com