Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5000 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF5000
Description  4 GHz to 18 GHz Divide-by-2 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5000 Datasheet(HTML) 5 Page - Analog Devices

  ADF5000 Datasheet HTML 1Page - Analog Devices ADF5000 Datasheet HTML 2Page - Analog Devices ADF5000 Datasheet HTML 3Page - Analog Devices ADF5000 Datasheet HTML 4Page - Analog Devices ADF5000 Datasheet HTML 5Page - Analog Devices ADF5000 Datasheet HTML 6Page - Analog Devices ADF5000 Datasheet HTML 7Page - Analog Devices ADF5000 Datasheet HTML 8Page - Analog Devices ADF5000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADF5000
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT. DO NOT CONNECT
TO THIS PIN.
2. THE EXPOSED PADDLE MUST BE
CONNECTED TO GND.
1
GND
2
RFIN
3
GND
4
GND
11 RFOUT
12 GND
10 RFOUT
9
GND
TOP VIEW
(Not to Scale)
ADF5000
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 5, 8, 9,
12, 13, 16
GND
RF Ground. Tie all ground pins together.
2
RFIN
Single-Ended 50 Ω Input to the RF Prescaler. This pin is ac-coupled internally via a 3 pF capacitor.
6
NC
No Connect. Do not connect to this pin.
7
CE
Chip Enable. This pin is active high. When CE is brought low, the part enters power-down mode. If this
functionality is not required, the pin can be left unconnected because it is pulled up internally through
a weak pull-up resistor.
10
RFOUT
Divided-Down Output of the Prescaler. This pin has an internal 100 Ω load resistor tied to VDD2 and an
ac coupling capacitor of 1 pF.
11
RFOUT
Complementary Divided Down Output of the Prescaler. This pin has an internal 100 Ω load resistor tied
to VDD2 and an ac coupling capacitor of 1 pF.
14
VDD2
Voltage Supply for the Output Stage. Decouple this pin to ground with a 0.1 µF capacitor in parallel with a
10 pF capacitor. VDD2 can be tied directly to VDD1.
15
VDD1
Voltage Supply for the Input Stage and Divider Block. Decouple this pin to ground with a 0.1 µF capacitor
in parallel with a 10 pF capacitor.
EPAD
The LFCSP has an exposed paddle that must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com