Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5000 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF5000
Description  4 GHz to 18 GHz Divide-by-2 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5000 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF5000 Datasheet HTML 4Page - Analog Devices ADF5000 Datasheet HTML 5Page - Analog Devices ADF5000 Datasheet HTML 6Page - Analog Devices ADF5000 Datasheet HTML 7Page - Analog Devices ADF5000 Datasheet HTML 8Page - Analog Devices ADF5000 Datasheet HTML 9Page - Analog Devices ADF5000 Datasheet HTML 10Page - Analog Devices ADF5000 Datasheet HTML 11Page - Analog Devices ADF5000 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADF5000
Rev. 0 | Page 8 of 12
APPLICATION CIRCUIT
The ADF5000 can be connected either single-ended or differ-
entially to any of the Analog Devices PLL family of ICs. It is
recommended that a differential connection be used for best
performance and to achieve maximum power transfer. The
application circuit shown in Figure 10 shows the ADF5000
used as the RF prescaler in a microwave 12 GHz PLL loop. The
ADF5000 divides the 12 GHz RF signal down to 6 GHz, which
is input differentially into the ADF4156 PLL. An active filter
topology, using the OP184 op amp, is used to provide the wide
tuning ranges typically required by microwave VCOs.
The positive input pin of the OP184 is biased at half the ADF4156
charge pump supply (VP). This can be easily achieved using a
simple resistor divider, ensuring sufficient decoupling close to
the +IN A pin of the OP184. This configuration, in turn, allows
the use of a single positive supply for the op amp. Alternatively,
to optimize performance by ensuring a clean bias voltage, a low
noise regulator such as the ADP150 can be used to power the
resistor divider network or the +IN A pin directly.
ADF5000
PRESCALER
VDD1
RFOUT
RFOUT
VDD2
ADF4156
PLL
RFINA
RFINB
GND
10pF
0.1µF
CP
820pF
220
Ω
330
Ω
1.8nF
47nF
1k
Ω
1.8nF
MICROWAVE
VCO
RFOUT
VTUNE
RFIN
37
Ω
150
Ω
150
Ω
1µF
VP/2
18
Ω
6dB ATTENUATION PAD
18
Ω
12GHz OUT
DECOUPLING
INTEGRATED
OP184
OP AMP
Figure 10. ADF5000 Used as the RF Prescaler in a Microwave 12 GHz PLL Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com