Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5000 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF5000
Description  4 GHz to 18 GHz Divide-by-2 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5000 Datasheet(HTML) 1 Page - Analog Devices

  ADF5000 Datasheet HTML 1Page - Analog Devices ADF5000 Datasheet HTML 2Page - Analog Devices ADF5000 Datasheet HTML 3Page - Analog Devices ADF5000 Datasheet HTML 4Page - Analog Devices ADF5000 Datasheet HTML 5Page - Analog Devices ADF5000 Datasheet HTML 6Page - Analog Devices ADF5000 Datasheet HTML 7Page - Analog Devices ADF5000 Datasheet HTML 8Page - Analog Devices ADF5000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4 GHz to 18 GHz
Divide-by-2 Prescaler
ADF5000
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Divide-by-2 prescaler
High frequency operation: 4 GHz to 18 GHz
Integrated RF decoupling capacitors
Low power consumption
Active mode: 30 mA
Power-down mode: 17 mA
Low phase noise: −147 dBc/Hz
Single dc supply: 3.3 V compatible with ADF4xxx PLLs
Temperature range: −40°C to +105°C
Small package: 3 mm × 3 mm LFCSP
APPLICATIONS
PLL frequency range extender
Point-to-point radios
VSAT radios
Communications test equipment
GENERAL DESCRIPTION
The ADF5000 prescaler is a low noise, low power, fixed RF
divider block that can be used to divide down frequencies as
high as 18 GHz to a lower frequency suitable for input to a
PLL IC, such as the ADF4156 or the ADF4106. The ADF5000
provides a divide-by-2 function. The ADF5000 operates from
a 3.3 V supply and has differential 100 Ω RF outputs to allow
direct interface to the differential RF inputs of PLLs such as
the ADF4156 and ADF4106.
FUNCTIONAL BLOCK DIAGRAM
DIVIDE
BY 2
BIAS
ADF5000
CE
GND
RFIN
VDDx
RFOUT
RFOUT
100
Ω
50
Ω
100
Ω
1pF
3pF
1pF
Figure 1.


Similar Part No. - ADF5000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results

Similar Description - ADF5000

ManufacturerPart #DatasheetDescription
logo
NEC
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com