Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5000 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF5000
Description  4 GHz to 18 GHz Divide-by-2 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5000 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF5000 Datasheet HTML 2Page - Analog Devices ADF5000 Datasheet HTML 3Page - Analog Devices ADF5000 Datasheet HTML 4Page - Analog Devices ADF5000 Datasheet HTML 5Page - Analog Devices ADF5000 Datasheet HTML 6Page - Analog Devices ADF5000 Datasheet HTML 7Page - Analog Devices ADF5000 Datasheet HTML 8Page - Analog Devices ADF5000 Datasheet HTML 9Page - Analog Devices ADF5000 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADF5000
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
–60
–50
–40
–30
–20
–10
0
0
5
10
15
25
20
30
RF INPUT FREQUENCY (GHz)
VDD = 3.0V
VDD = 3.3V
VDD = 3.6V
Figure 3. RF Input Sensitivity
0
2
4
6
8
10
12
14
16
18
20
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
ICCOUT AT
fIN = 10GHz PIN = 0dBm
ICCIN AT
fIN = 10GHz PIN = 0dBm
VCC (V)
Figure 4. IDD1 and IDD2 vs. VDDx, fIN = 10 GHz, PIN = 0 dBm
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
VCC (V)
POUT AT fIN = 10GHz PIN = 0dBm
Figure 5. RF Output Power (Single-Ended) vs. VDDx, fIN = 10 GHz, PIN = 0 dBm
–5
–10
–15
–20
–25
–30
–35
–40
2.4
2.7
3.0
3.3
3.6
VDDx (V)
FIRST HARMONIC
THIRD HARMONIC
FIFTH HARMONIC
Figure 6. RF Output Harmonic Content vs. VDDx
–10
–5
0
0
5
10
15
20
25
30
RF INPUT FREQUENCY (GHz)
POUT AT PIN = 0dBm VCC = 3V
POUT AT PIN = 0dBm VCC = 3.3V
POUT AT PIN = 0dBm VCC = 3.6V
Figure 7. RF Output Power vs. RF Input Frequency, fIN = 10 GHz, VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com