Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4576BT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4576BT
Description  200kHz Simple 3A Buck Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576BT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4576BT Datasheet HTML 1Page - Micrel Semiconductor MIC4576BT Datasheet HTML 2Page - Micrel Semiconductor MIC4576BT Datasheet HTML 3Page - Micrel Semiconductor MIC4576BT Datasheet HTML 4Page - Micrel Semiconductor MIC4576BT Datasheet HTML 5Page - Micrel Semiconductor MIC4576BT Datasheet HTML 6Page - Micrel Semiconductor MIC4576BT Datasheet HTML 7Page - Micrel Semiconductor MIC4576BT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
March 2006
5
MIC4576
MIC4576
Micrel, Inc.
Block Diagrams
200kHz
Oscillator
1.23V
Bandgap
3A
Switch
Thermal
Shutdown
Current
Limit
Driver
Internal
Regulator
FB
SW
GND
VIN
+36V max.
CIN
COUT
L1
D1
Shutdown
Enable
SHDN
VOUT
MIC4576 [Adjustable]
R1
R2
Com-
parator
Error
Amp.
200kHz
Oscillator
1.23V
Bandgap
3A
Switch
Thermal
Shutdown
Current
Limit
Driver
Internal
Regulator
FB
SW
GND
VIN
+36V max.
CIN
COUT
L1
D1
Shutdown
Enable
SHDN
VOUT
MIC4576-x.x
R1
R2
Com-
parator
Error
Amp.
Block Diagram with External Components
Adjustable Step-Down Regulator
Block Diagram with External Components
Fixed Step-Down Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com