Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4576BT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4576BT
Description  200kHz Simple 3A Buck Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576BT Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC4576BT Datasheet HTML 1Page - Micrel Semiconductor MIC4576BT Datasheet HTML 2Page - Micrel Semiconductor MIC4576BT Datasheet HTML 3Page - Micrel Semiconductor MIC4576BT Datasheet HTML 4Page - Micrel Semiconductor MIC4576BT Datasheet HTML 5Page - Micrel Semiconductor MIC4576BT Datasheet HTML 6Page - Micrel Semiconductor MIC4576BT Datasheet HTML 7Page - Micrel Semiconductor MIC4576BT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC4576
Micrel, Inc.
MIC4576
6
March 2006
Functional Description
The MIC4576 is a variable duty cycle switch-mode regulator
with an internal power switch. Refer to the block diagrams.
Supply Voltage
The MIC4576 operates from a +4V to +36V unregulated
input. Highest efficiency operation is from a supply voltage
around +15V.
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible. Ground the
input if unused. A logic-low enables the regulator. A logic-
high shuts down the internal regulator which reduces the
current to typically 50µA.
Feedback
Fixed versions of the regulator have an internal resistive
divider from the feedback (FB) pin. Connect FB directly to
the output line.
Adjustable versions require an external resistive voltage
divider from the output voltage to ground, connected from
the 1.23V tap to FB.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback signal
with a 1.23V bandgap voltage reference. The resulting error
amplifier output voltage is compared to a 200kHz sawtooth
waveform to produce a voltage controlled variable duty cycle
output.
Ahigher feedback voltage increases the error amplifier output
voltage. Ahigher error amplifier voltage (comparator inverting
input) causes the comparator to detect only the peaks of the
sawtooth, reducing the duty cycle of the comparator output.
A lower feedback voltage increases the duty cycle.
Output Switching
When the internal switch is on, an increasing current flows
from the supply VIN, through external storage inductor L1, to
output capacitor COUT and the load. Energy is stored in the
inductor as the current increases with time.
When the internal switch is turned off, the collapse of the
magneticfieldinL1forcescurrenttoflowthroughfastrecovery
diode D1, charging COUT.
Output Capacitor
External output capacitor COUT provides stabilization and
reduces ripple.
Return Paths
During the on portion of the cycle, the output capacitor and
load currents return to the supply ground. During the off
portion of the cycle, current is being supplied to the output
capacitor and load by storage inductor L1, which means that
D1 is part of the high-current return path.
Applications Information
The applications circuits that follow have been constructed
and tested. Refer to Application Note 15 for additional in-
formation, including efficiency graphs and manufacturer’s
addresses and telephone numbers for most circuits.
For a mathematical approach to component selection and
circuit design, refer to Application Note 14.
Note 2: Surface-mount component.
C1
470µF
35V
D1
1N5822
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-3.3BT
SHDN
6V to 24V
3.3V/3A
VIN
C1 Nichicon UPL1V471MPH, ESR = 0.046Ω
C2 Nichicon UPL1C221MPH, ESR = 0.047Ω
D1 Motorola 1N5822
L1 Coiltronics PL52C-33-1000, DCR = 0.036Ω
L1 Bi
HM77-30004, DCR = 0.045Ω,
Note 2
3
4
2
5
1
Figure 1. 6V–24V to 3.3V/3A Buck Converter
Through Hole
C1
470µF
63V
D1
MBR360
C2
1000µF
16V
L1
33µH
GND
FB
SW
MIC4576-3.3BT
SHDN
6V to 36V
3.3V/3A
VIN
C1 Nichicon UPL1J471MRH, ESR = 0.039Ω
C2 Nichicon UPL1C102MPH, ESR = 0.047Ω
D1 Motorola MBR360
L1 Coiltronics PL52C-33-1000 DCR = 0.036
L1 Bi
HM77-30004, DCR = 0.045Ω,
Note 2
3
4
2
5
1
Figure 2. 6V–36V to 3.3V/3A Buck Converter
Through Hole



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com