Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4576BT Datasheet (PDF) - Micrel Semiconductor

MIC4576BT Datasheet PDF - Micrel Semiconductor
Part # MIC4576BT
Download  MIC4576BT Download
File Size   218.21 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200kHz Simple 3A Buck Regulator

MIC4576BT Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4576BT Datasheet PDF - Micrel Semiconductor

Part # MIC4576BT
Download  MIC4576BT Click to download

File Size   218.21 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200kHz Simple 3A Buck Regulator

MIC4576BT Datasheet (HTML) - Micrel Semiconductor


MIC4576BT Product details

General Description
The MIC4576 is a series of easy to use fixed and adjustable BiCMOS step-down (buck) switch-mode voltage regulators. The 200kHz MIC4576 duplicates the pinout and function of the 52kHz LM2576. The higher switching frequency may allow up to a 2:1 reduction in output filter inductor size.
The MIC4576 is available in 3.3V, and 5V fixed output versions or a 1.23V to 33V adjustable output version. Both versions are capable of driving a 3A load with excellent line and load regulation.
The feedback voltage is guaranteed to ±2% tolerance for adjustable versions, and the output voltage is guaranteed to ±3% for fixed versions, within specified voltages and load conditions. The oscillator frequency is guaranteed to ±10%.
In shutdown mode, the regulator draws less than 200µA standby current. The regulator performs cycle-by-cycle current limiting and thermal shutdown for protection under fault conditions.
This series of simple switch-mode regulators requires a minimum number of external components and can operate using a standard series of inductors. Frequency compensation is provided internally.
The MIC4576 is available in TO-220 (T) and TO-263 (U) packages for the industrial temperature range.

Features
• Fixed 200kHz operation
• 3.3V, 5V, and adjustable output versions
• Voltage over specified line and load conditions:
   Fixed version: ±3% max. output voltage
   Adjustable version: ±2% max. feedback voltage
• Guaranteed 3A switch current
• Wide 4V to 36V input voltage range
• Wide 1.23V to 33V output voltage range
• Requires minimum external components
• < 200µA typical shutdown mode
• 75% efficiency (adjustable version > 75% typical)
• Standard inductors are 25% of typical LM2576 values
• Thermal shutdown
• Overcurrent protection
• 100% electrical thermal limit burn-in

Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient preregulator for linear regulators
• On-card switching regulators
• Positive-to-negative converter (inverting buck-boost)
• Battery Charger
• Negative boost converter
• Step-down to 3.3V for Intel Pentium™
   and similar microprocessors




Similar Part No. - MIC4576BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576BT MICREL-MIC4576BT Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
More results


Similar Description - MIC4576BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
EZBuck??3A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
logo
Micrel Semiconductor
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
52kHz Simple 3A Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com