Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4576BT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4576BT
Description  200kHz Simple 3A Buck Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576BT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4576BT Datasheet HTML 1Page - Micrel Semiconductor MIC4576BT Datasheet HTML 2Page - Micrel Semiconductor MIC4576BT Datasheet HTML 3Page - Micrel Semiconductor MIC4576BT Datasheet HTML 4Page - Micrel Semiconductor MIC4576BT Datasheet HTML 5Page - Micrel Semiconductor MIC4576BT Datasheet HTML 6Page - Micrel Semiconductor MIC4576BT Datasheet HTML 7Page - Micrel Semiconductor MIC4576BT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC4576
Micrel, Inc.
MIC4576
4
March 2006
Parameter
Condition
Min
Typ
Max
Units
MIC4576 / -3.3 / -5.0
Oscillator Frequency
180
200
220
kHz
Saturation Voltage
IOUT = 3A
1.7
2.3
V
2.5
V
Current Limit
peak current, tON ≤ 3µs; VFB = 0V
4.2
5.2
7.9
A
3.5
8.5
A
Standby Quiescent Current
VSHDN = 5V (regulator off), VFB = 0V
50
200
µA
SHDN Input Logic Level
VOUT = 0V (regulator off)
2.2
1.4
V
2.4
V
VOUT = 3.3V or 5V (regulator on)
1.2
1.0
V
0.8
V
SHDN Input Current
VSHDN = 5V (regulator off)
4
30
µA
VSHDN = 0V (regulator on)
–10
0.01
10
µA
General Note: Devices are ESD protected, however, handling precautions are recommended.
Note 1: VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com