Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC22600 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC22600_09 Datasheet HTML 1Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 2Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 3Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 4Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 5Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 6Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 7Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 8Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Micrel, Inc.
MIC22600
October 2009
5
M9999-102809-C
Typical Characteristics
0
2
4
6
8
10
0123456
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
25°C
0
2
4
6
8
10
Shutdown Current
vs. Temperature
VIN = 3.3V
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.2
23
456
INPUT VOLTAGE (V)
1.0
Operating Current
vs. Input Voltage
25°C
Not switching FB = 1V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Operating Current
vs. Temperature
VIN = 3.3V
TEMPERATURE (°C)
Not switching FB = 1V
0.692
0.694
0.696
0.698
0.702
0.704
0.706
0.708
23
45
6
INPUT VOLTAGE (V)
0.690
0.700
0.710
Reference Voltage
vs. Input Voltage
25°C
0.692
0.694
0.696
0.698
0.702
0.704
0.706
0.708
0.690
0.700
0.710
Reference Voltage
vs. Temperature
VIN = 3.3V
TEMPERATURE (°C)
1.15
1.25
23
45
6
INPUT VOLTAGE (V)
1.10
1.20
1.30
Enable Voltage
vs. Input Voltage
25°C
1.15
1.25
1.10
1.20
1.30
Enable Voltage
vs. Temperature
TEMPERATURE (°C)
0
4
8
12
16
20
24
Enable Hystersis
vs. Temperature
TEMPERATURE (°C)
VIN - 5V
VIN - 3V
900
920
940
960
980
1000
1020
1040
1060
1080
1100
Frequency
vs. Temperature
TEMPERATURE (°C)
0
5
10
15
20
25
30
35
40
45
50
2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
P-Channel RDSON
vs. Input Voltage
90°C
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
0
1.0
2.0
0.2 0.4 0.6 0.8
1.0 1.2
RAMP CONTROL VOLTAGE (V)
Output Voltage
vs. Ramp Control Voltage
VIN - 2.5V
VIN - 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com