Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC22600 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22600_09 Datasheet HTML 1Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 2Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 3Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 4Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 5Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 6Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 7Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 8Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MIC22600
1MHz, 6A Integrated Switch
Synchronous Buck Regulator
Ramp Control is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2009
M9999-102809-C
General Description
The Micrel MIC22600 is a high efficiency 6A Integrated
switch synchronous buck (step-down) regulator. The
MIC22600 is optimized for highest efficiency and achieves
more than 90% efficiency, while still switching at 1MHz
over a broad load range with only 1µH inductor and down
to 47µF output capacitor. The ultra-high speed control loop
keeps the output voltage within regulation even under
extreme transient load swings commonly found in FPGAs
and low voltage ASICs. The output voltage can be
adjusted down to 0.7V to address all low voltage power
needs. The MIC22600 offers a full range of sequencing
and tracking options. The EN/DLY pin combined with the
Power Good/POR pin allows multiple outputs to be
sequenced in any way during turn-on and turn-off. The RC
(Ramp Control™) pin allows the device to be connected to
another product in the MIC22xxx and/or MIC68xxx family,
to keep the output voltages within a certain ∆V on start up.
The MIC22600 is available in a 24-pin 4mm x 4mm MLF
®
and thermally enhanced 24-pin E-Pad TSSOP with a
junction operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.6V to 5.5V
• Output voltage adjustable down to 0.7V
• Output current up to 6A
• Full sequencing and tracking ability
• Power on Reset/Power Good
• Efficiency > 90% across a broad load range
• Ultra fast transient response, easy RC compensation
• 100% maximum duty cycle
• Fully integrated MOSFET switches
• Micropower shutdown
• Thermal shutdown and current limit protection
• 24-pin 4mm x 4mm MLF®
• 24-pin E-Pad TSSOP
• –40°C to +125°C junction temperature range
Applications
• High power density point of load conversion
• Servers and routers
• DVD recorders
• Computing peripherals
• Base stations
• FPGAs, DSP and low voltage ASIC power
Typical Application
MIC22600 6A 1MHz Synchronous Output Converter
50
55
60
65
70
75
80
85
90
95
100
012
34567
OUTPUT CURRENT (A)
Efficiency VO - 3.3V
VIN - 5V
Sequencing & Tracking


Similar Part No. - MIC22600_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600YML MICREL-MIC22600YML Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600YTSE MICREL-MIC22600YTSE Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
More results

Similar Description - MIC22600_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
4 MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC5167 MICREL-MIC5167_12 Datasheet
719Kb / 23P
1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com