Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC22600 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC22600_09 Datasheet HTML 1Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 2Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 3Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 4Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 5Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 6Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 7Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 8Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Micrel, Inc.
MIC22600
October 2009
2
M9999-102809-C
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Lead Finish
MIC22600YML
Adj.
–40° to +125°C
24-Pin 4x4 MLF
®
Pb-Free
MIC22600YTSE
Adj.
–40° to +125°C
24-pin E-Pad TSSOP
Pb-Free
Note:
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
PVIN
EN/DLY
DELAY
RC
POR/PG
PVIN
PVIN
SVIN
SGND
COMP
FB
PVIN
EP
24-Pin 4mm x 4mm MLF (ML)
24-pin E-Pad TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com