Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC22600 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC22600_09 Datasheet HTML 9Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 10Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 11Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 12Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 13Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 14Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 15Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 16Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Micrel, Inc.
MIC22600
October 2009
13
M9999-102809-C
Figure 2 shows an efficiency curve. The portion, from 0A
to 1A, efficiency losses are dominated by quiescent
current losses, gate drive and transition losses. In this
case, lower supply voltages yield greater efficiency in
that they require less current to drive the MOSFETs and
have reduced input power consumption.
50
55
60
65
70
75
80
85
90
95
012345
67
OUTPUT CURRENT (A)
Efficiency 3V - 1.8V
Figure 2. Efficiency Curve
The region, 1A to 6A, efficiency loss is dominated by
MOSFET RDS(ON) and inductor DC losses. Higher input
supply voltages will increase the Gate-to-Source voltage
on the internal MOSFETs, reducing the internal RDS(ON).
This improves efficiency by decreasing conduction loss
in the device but the inductor DCR loss is inherent to the
device. So inductor selection becomes increasingly
critical in efficiency calculations. As the inductors are
reduced in size, the DC resistance (DCR) can become
quite significant. The DCR losses can be calculated as
follows;
LPD = IOUT
2 × DCR
From that, the loss in efficiency due to inductor
resistance can be calculated as follows:
Efficiency Loss =
()
100
1
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
⋅
−
PD
OUT
OUT
OUT
OUT
L
I
V
I
V
50
55
60
65
70
75
80
85
90
95
0
200
400
600
800
OUTPUT CURRENT (mA)
vs. Inductance
Efficiency
L = 1µH
L = 4.7µH
Figure 3. Efficiency vs. Inductance
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and
size in this case.
Alternatively, under lighter loads, the ripple current
becomes a significant factor. When light load efficiencies
become more critical, a larger inductor value maybe
desired. Larger inductance reduces the peak-to-peak
inductor ripple current, which minimize losses. The
graph above in Figure 3 illustrates the effects of
inductance value at light load.
Compensation
The MIC22600 has a combination of internal and
external stability compensation to simplify the circuit for
small, high efficiency designs. In such designs, voltage
mode conversion is often the optimum solution. Voltage
mode is achieved by creating an internal 1MHz ramp
signal and using the output of the error amplifier to
modulate the pulse width of the switch node, thereby
maintaining output voltage regulation. With a typical gain
bandwidth of 100-200kHz, the MIC22600 is capable of
extremely fast transient responses.
The MIC22600 is designed to be stable with a typical
application using a 1µH inductor and a 47µF ceramic
(X5R) output capacitor. These values can be varied
dependant upon the tradeoff between size, cost and
efficiency,
keeping
the
LC
natural
frequency
(
C
L
⋅
⋅
Π
⋅
2
1
) ideally less than 26 kHz to ensure stability
can be achieved. The minimum recommended inductor
value is 0.47µH and minimum recommended output
capacitor value is 22µF. With a larger inductor, there is a
reduced peak-to-peak current which yields a greater
efficiency at lighter loads. A larger output capacitor will
improve transient response by providing a larger hold up
reservoir of energy to the output.
The integration of one pole-zero pair within the control
loop greatly simplifies compensation. The optimum
values for CCOMP (in series with a 20k resistor) are shown
below.
C
L
22-47µF
47µF-
100µF
100µF-
470µF
0.47µH
0*-10pF
22pF
33pF
1µH
0
†-15pF
15-22pF
33pF
2.2µH
15-33pF
33-47pF
100-220pF
* VOUT > 1.2V,
† VOUT > 1V
Table1. Compensation Capacitor Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com