Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29310 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC29310
Description  3A Fast-Response LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC29310 Datasheet HTML 1Page - Micrel Semiconductor MIC29310 Datasheet HTML 2Page - Micrel Semiconductor MIC29310 Datasheet HTML 3Page - Micrel Semiconductor MIC29310 Datasheet HTML 4Page - Micrel Semiconductor MIC29310 Datasheet HTML 5Page - Micrel Semiconductor MIC29310 Datasheet HTML 6Page - Micrel Semiconductor MIC29310 Datasheet HTML 7Page - Micrel Semiconductor MIC29310 Datasheet HTML 8Page - Micrel Semiconductor MIC29310 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2006
1
MIC29310/29312
MIC29310/29312
Micrel
General Description
The MIC29310 and MIC29312 are low cost versions of
MIC29300 family low-dropout (LDO) regulators. Manufac-
tured on Micrel’s proprietary Super beta PNP™ process,
the MIC29310/2 is a 3A LDO regulator with very low-dropout
voltage (600mV over the full load) and low ground current.
Along with a total accuracy of ±2% (over temperature, line
and load regulation) these regulators feature very fast tran-
sient recovery from input voltage surges and output load
current changes.
The MIC29310 is available in fixed 3.3V and 5V outputs
voltages; the MIC29312 has an adjustable output which can
be set by two external resistors to a voltage between 1.24V
to 15V. In addition, all versions are fully protected against
overcurrent faults, reversed input polarity, reversed lead
insertion, and overtemperature operation.
A TTL logic enable (EN) pin is available in the MIC29312 to
shutdown the regulator. When not used, the device can be set
to continuous operation by connecting EN to the input (IN).
The MIC29310/2 is available in the standard 3- and 5-pin
TO-220 and TO-263 packages with an operating junction
temperature range of 0°C to +125°C.
Features
• Low cost versions of MIC29300 family
• Fast transient response
• 3A current over full temperature range
• 600mV dropout voltage at full load
• Low ground current
• Accurate 1% guaranteed tolerance
• “Zero” current shutdown mode (MIC29312)
• Fixed voltage and adjustable versions
Applications
• Processor peripheral and I/O supplies
• PC add-in cards
• High-efficiency “green” computer systems
• High-efficiency linear power supplies
• High-efficiency switching supply post regulator
• Battery-powered equipment
MIC29310/29312
3A Fast-Response LDO Regulator
Typical Application
IN
OUT
GND
VIN
VOUT
MIC29310-x.x
Fixed Regulator Configuration
MIC29312
OUT
ADJ
R1*
VOUT
* For best performance, total series resistance
(R1 + R2) should be small enough to pass
the minimum regulator load current of 10mA.
R2*
EN
GND
VIN
IN
On
Off
VOUT = 1.240
R1
R2
+ 1
Adjustable Regulator Configuration
For applications requiring even lower dropout
voltage, input voltage greater than 16V, or an
error flag, see the MIC29300/29301/29302/
29303.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC29310

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-3.3BT MICREL-MIC29310-3.3BT Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-3.3BU MICREL-MIC29310-3.3BU Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-5.0BT MICREL-MIC29310-5.0BT Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29310-5.0BU MICREL-MIC29310-5.0BU Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
More results

Similar Description - MIC29310

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
7.5A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
3A Fast-Response LDO Regulator for USB
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
7.5A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
3A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com