Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC300 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC300 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXSC300 Datasheet HTML 1Page - Diodes Incorporated ZXSC300 Datasheet HTML 2Page - Diodes Incorporated ZXSC300 Datasheet HTML 3Page - Diodes Incorporated ZXSC300 Datasheet HTML 4Page - Diodes Incorporated ZXSC300 Datasheet HTML 5Page - Diodes Incorporated ZXSC300 Datasheet HTML 6Page - Diodes Incorporated ZXSC300 Datasheet HTML 7Page - Diodes Incorporated ZXSC300 Datasheet HTML 8Page - Diodes Incorporated ZXSC300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ZXSC300
ISSUE 4 - SEPTEMBER 2007
5
DEVICE DESCRIPTION
The ZXSC300 is
PFM, controller IC which, when
combined with a high performance external transistor,
enables the production of a high efficiency boost
converter for use in single cell LED driving
applications. A block diagram is shown for the
ZXSC300 in Figure 1.
The on chip comparator forces the driver circuit and
therefore the external switching transistor off if the
voltage at ISENSE exceeds 19mV. This threshold is set
by an internal reference circuit and divider.
The Voltage at ISENSE is taken from a current sense
resistor connected in series with the emitter of the
switching transistor. A monostable following the
output of the comparator forces the turn-off time of the
output stage to be typically 1.7µs. This ensures that
there is sufficient time to discharge the inductor coil
before the next on period.
With every on pulse the switching transistor is kept on
until the voltage across the current-sense resistor
exceeds the threshold of the ISENSE input. The on-pulse
length, and therefore the switching frequency, is
determined by the programmed peak current, the
input voltage and the input to output voltage
differential. See applications section for details.
The Driver circuit supplies the external switching
transistor with a fixed drive current. To maximise
efficiency the external transistor switched quickly,
typically being forced off within 30ns.
Figure 1 ZXSC300 Block Diagram
Pin Descriptions
Pin No.
Name
Description
1VCC
Supply voltage, generally Alkaline, NiMH or NiCd single cell
2
Gnd
Ground
3
N/C
Not connected
4ISENSE
Inductor current sense input. Internal threshold voltage set to 19mV.
Connect external sense resistor
5VDRIVE
Drive output for external switching transistor. Connect to base of external
switching transistor
Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com