Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC300 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC300 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXSC300 Datasheet HTML 1Page - Diodes Incorporated ZXSC300 Datasheet HTML 2Page - Diodes Incorporated ZXSC300 Datasheet HTML 3Page - Diodes Incorporated ZXSC300 Datasheet HTML 4Page - Diodes Incorporated ZXSC300 Datasheet HTML 5Page - Diodes Incorporated ZXSC300 Datasheet HTML 6Page - Diodes Incorporated ZXSC300 Datasheet HTML 7Page - Diodes Incorporated ZXSC300 Datasheet HTML 8Page - Diodes Incorporated ZXSC300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXSC300
ISSUE 4 - SEPTEMBER 2007
3
FMMT617
For the circuits described in the applications section, Zetex FMMT617 is the recommended pass transistor. The
following indicates outline data for the transistor, more detailed information can be found at
www.zetex.com/FMMT617
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS
Collector-Emitter
Saturation Voltage
VCE(sat)
8
70
150
14
100
200
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=40mA*
Collector-Emitter
Breakdown Voltage
V(BR)CEO 15
18
V
IC=10mA*
*Measured under pulsed conditions. Pulse width=300
μs. Duty cycle ≤ 2%
ZHCS1000
For the circuits described in the applications section Zetex ZHCS1000 is the recommended Schottky diode. The
following indicates outline data for the diode, more detailed information is available at www.zetex.com
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Forward Voltage
VF
400
500
mV
mV
IF=500mA
IF=1A
Reverse Current
IR
50
100
μA
VR=30V
Reverse Recovery
Time
trr
12
ns
Switched from IF = 500mA
to IR = 500mA. Measured
at IR=50mA
*Measured under pulsed conditions. Pulse width=300
μs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com