Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC300 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC300 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXSC300 Datasheet HTML 4Page - Diodes Incorporated ZXSC300 Datasheet HTML 5Page - Diodes Incorporated ZXSC300 Datasheet HTML 6Page - Diodes Incorporated ZXSC300 Datasheet HTML 7Page - Diodes Incorporated ZXSC300 Datasheet HTML 8Page - Diodes Incorporated ZXSC300 Datasheet HTML 9Page - Diodes Incorporated ZXSC300 Datasheet HTML 10Page - Diodes Incorporated ZXSC300 Datasheet HTML 11Page - Diodes Incorporated ZXSC300 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ZXSC300
ISSUE 4 - SEPTEMBER 2007
9
Output Power Calculation
By making the above assumptions for inductance and
peak current the output power can be determined by:
P
(V
V
x I
I
OUT
OUT
IN
PK
MIN
=
+
)(
)
2
x
T
TT
OFF
ON
OFF
()
+
Note: VOUT = output voltage + Schottky rectifier voltage
drop
where
TOFF
≅ 1.7µs (internally set by ZXSC300)
and
T
TV
V
V
ON
OFF
OUT
IN
IN
=
−
()
and
II
(V
- V
xT
L
MIN
PK
OUT
IN
OFF
=−
)
Operating f requency c an be derived by:
F
TT
ON
OFF
=
+
1
()
Capacitor selection
For pulsed operation, as in the maximum battery life
solution, no capacitors are required at the output to
the LED. For rectified operation, as in the maximum
brightness solution, a small value ceramic capacitor
is required, typically 2.2uF.
Generally an input capacitor is not required, but a
small ceramic capacitor may be added to aid EMC,
typically 470nF to 1uF.
Demonstration board
A demonstration board for the Maximum battery life
solution, is available upon request. These can be
obtained through your local Zetex office or through
Zetex web pages. For all reference designs Gerber
files and bill of materials can be supplied.
Layout of Maximum battery life solution
Top Copper
Drill Holes
Bottom Copper
Silk Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com