Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC300 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC300 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXSC300 Datasheet HTML 4Page - Diodes Incorporated ZXSC300 Datasheet HTML 5Page - Diodes Incorporated ZXSC300 Datasheet HTML 6Page - Diodes Incorporated ZXSC300 Datasheet HTML 7Page - Diodes Incorporated ZXSC300 Datasheet HTML 8Page - Diodes Incorporated ZXSC300 Datasheet HTML 9Page - Diodes Incorporated ZXSC300 Datasheet HTML 10Page - Diodes Incorporated ZXSC300 Datasheet HTML 11Page - Diodes Incorporated ZXSC300 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ZXSC300
ISSUE 4 - SEPTEMBER 2007
11
DIM
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
0.90
1.45
0.0354
0.0570
A1
-
0.15
-
0.0059
A2
0.90
1.30
0.0354
0.0511
b
0.20
0.50
0.0078
0.0196
C
0.09
0.26
0.0035
0.0102
D
2.70
3.10
0.1062
0.1220
E
2.20
3.20
0.0866
0.1181
E1
1.30
1.80
0.0511
0.0708
e
0.95 REF
0.0374 REF
e1
1.90 REF
0.0748 REF
L
0.10
0.60
0.0039
0.0236
a
0°
30°
0°
30°
PACKAGE DIMENSIONS
PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com