Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4607
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTM8042/LTM8042-1
9
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs VIN, Buck Mode,
6.7V at 350mA LED String
Efficiency vs VIN, Buck Mode,
9.7V at 350mA LED String
Efficiency vs VIN, Buck Mode,
12.6V at 350mA LED String
Efficiency vs VIN, Buck Mode,
3.7V at 350mA LED String
Efficiency vs VIN, Buck Mode,
15.6V at 350mA LED String
TA = 25°C, unless otherwise noted.
LTM8042-1
Efficiency vs VIN, Boost Operation,
15.6V at 350mA LED String
Efficiency vs VIN, Boost Operation,
18.6V at 350mA LED String
Efficiency vs VIN, Boost Operation,
21.6V at 350mA LED String
Efficiency vs VIN, Boost Operation,
24.8V at 350mA LED String
VIN (V)
4
65
12
6
513
78
10
911
95
80421 G42
14 15
70
80
90
75
85
VIN (V)
4
65
12
6
513
78
10
911
95
80421 G43
14 15 16 17 18
70
80
90
75
85
VIN (V)
5
65
12
613
78
10
911
95
80421 G44
14 15 16 17 18
70
80
90
75
85
VIN (V)
6
75
12
810
93
91
80421 G45
14
16
18
20
22
24
77
81
89
79
85
83
87
VIN (V)
4
75
12
8
93
91
80421 G46
16
20
24
28
614
10
18
22
26
30 32
77
81
89
79
85
83
87
VIN (V)
8
80
12
96
94
80421 G47
16
20
24
28
14
10
18
22
26
30 32 34
84
92
82
88
86
90
VIN (V)
11
80
15
98
96
94
80421 G48
19 21
25
29
17
13
23
27
31 33
84
92
82
88
86
90
VIN (V)
14
85
97
80421 G49
18
20
24
28
16
22
26
30
32
89
87
93
91
95
VIN (V)
17
85
97
80421 G50
21
23
27
19
25
29
31
33
89
87
93
91
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com