Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4607
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 2 Page - Linear Technology

  LTM4607 Datasheet HTML 1Page - Linear Technology LTM4607 Datasheet HTML 2Page - Linear Technology LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM8042/LTM8042-1
2
80421fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC, RUN, PWM, TGEN, BSTIN/BKLED–...................40V
BSTOUT/BKIN, TG, LED+ ..........................................43V
TG Pin Below LED+ ...................................................10V
CTL, SYNC, SS............................................................6V
RT ...............................................................................3V
Internal Operating Temperature
(Notes 3, 4) ........................................... –40°C to 125°C
Solder Temperature .............................................. 245°C
Storage Temperature ............................. –55°C to 125°C
(Note 1)
ABC
DE
F
BANK 1
BANK 3
BANK 4
TG
BANK 5
BSTOUT/BKIN
LED+
BANK 2
GND
G
RUN SYNC RT
SS PWM
HJ
KL
7
6
5
4
3
2
1
TGEN
CTL
VCC
LGA PACKAGE
77-LEAD (15mm
9mm
2.82mm)
BSTIN/BKLED–
TJMAX = 125°C, θJA = 15.7°C/W, θJCtop = 13.6°C/W,
θJCbottom = 4.5°C/W, θJB = 9.4°C/W
θ VALUES DETERMINED PER JESD 51-12
WEIGHT = 1.1g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM8042EV#PBF
LTM8042EV#PBF
LTM8042V
77-Lead (15mm × 9mm × 2.82mm) LGA
–40°C to 125°C
LTM8042IV#PBF
LTM8042IV#PBF
LTM8042V
77-Lead (15mm × 9mm × 2.82mm) LGA
–40°C to 125°C
LTM8042EV-1#PBF
LTM8042EV-1#PBF
LTM8042-1V
77-Lead (15mm × 9mm × 2.82mm) LGA
–40°C to 125°C
LTM8042IV-1#PBF
LTM8042IV-1#PBF
LTM8042-1V
77-Lead (15mm × 9mm × 2.82mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com