Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4607
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 5 Page - Linear Technology

  LTM4607 Datasheet HTML 1Page - Linear Technology LTM4607 Datasheet HTML 2Page - Linear Technology LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTM8042/LTM8042-1
5
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs VIN, Buck-Boost
Mode, 3.6V at 1A LED String
Efficiency vs VIN, Buck-Boost
Mode, 6.8V at 1A LED String
Efficiency vs VIN, Buck-Boost
Mode, 10.1V at 1A LED String
Efficiency vs VIN, Buck Mode,
10.1V at 1A LED String
Efficiency vs VIN, Buck Mode,
13.4V at 1A LED String
Efficiency vs VIN, Buck Mode,
16.7V at 1A LED String
TA = 25°C, unless otherwise noted.
Maximum LED Current
vs Input Voltage, Boost Operation
LTM8042
Efficiency vs VIN, Buck-Boost
Mode, 13.4V at 1A LED String
VIN (V)
12
85
18
16
93
95
94
80421 G10
14
20
26
24
22
30 32
28
34
86
88
90
87
89
92
91
VIN (V)
15
87
19
95
97
96
80421 G11
17
21
27
25
23
31
29
33
88
90
92
89
91
94
93
VIN (V)
19
87
95
97
96
80421 G12
21
27
25
23
31
29
33
88
90
92
89
91
94
93
VIN (V)
4
55
26
24
85
80421 G13
20 22
28 30
10
8
6
12141618
75
70
80
60
65
VIN (V)
8
70
26
24
22
90
80421 G14
20
10
12
14
16
18
85
75
80
VIN (V)
12
80
24
23
22
87
80421 G15
20
13 14 15 16 17 18
21
19
85
86
81
82
83
84
VIN (V)
15
80
20
90
80421 G16
16
17
18
19
85
86
81
82
83
84
88
89
87
INPUT VOLTAGE (V)
0
0
20
15
1200
80421 G17
10
525
30
1000
200
800
400
600
7.4V AT 1A
10.9V AT 1A
14.5V AT 1A
18.1V AT 1A
21.4V AT 1A
24.8V AT 1A
28.2V AT 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com