Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4607
Description  關Module Boost LED Driver and Current Source
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTM8042/LTM8042-1
17
80421fa
APPLICATIONS INFORMATION
Which mode to use depends upon the operating condi-
tions. Boost is generally selected when the voltage across
the LED string is always higher than the input voltage. Buck
mode is the dual of boost, used when the voltage across
the LED string is always lower than VIN. Finally, buck-boost
mode is used when the VIN can vary both above and below
the voltage across the LED string.
The land grid array of the LTM8042/LTM8042-1 is designed
to conveniently accommodate all three operating modes.
Please refer to the PCB Layout section for suggested
examples of how to lay out each operating mode.
Dimming Control
There are two methods to control the current source for
dimming using the LTM8042/LTM8042-1. One method
uses the PWM pin to modulate the current source between
zero and full current to achieve a precisely programmed
average current. To make this method of current control
more accurate, the switch demand current is internally
stored during the quiescent phase (PWM low). This feature
minimizes recovery time when the PWM signal returns
high. When using PWM dimming, use a P-channel MOSFET
disconnect switch in the LED current path (see Figure 1)
to prevent the output capacitor from discharging during
the PWM off-time. Enable this function by pulling TGEN
above 1.5V.
Figure 1. The LTM8042/LTM8042-1
Can Control a P-Channel PWM Switch
The minimum PWM on or off-time will depend on the
choice of operating frequency through the RT input pin or
the SYNC pin. When using the SYNC function, the SYNC
and PWM signals must have the rising edges aligned to
achieve the optimized high PWM dimming ratio. For best
current accuracy, the minimum PWM low or high time
should be at least six switching cycles (3μs for ƒSW =
2MHz). The maximum PWM period is determined by the
system. The maximum PWM dimming ratio (PWMRATIO)
can be calculated from the maximum PWM period (TMAX)
and the minimum PWM pulse width (TMIN) as follows:
PWMRATIO =
TMAX
TMIN
(1)
A set of values that give a 3000:1 dimming ratio, for ex-
ample, would be a switching frequency of ƒSW = 2MHz,
TMAX = 9ms and TMIN = 3μs. Equation (1) becomes:
PWMRATIO = 9ms/3μs = 3000:1
The second method of dimming control uses the CTL pin
to linearly adjust the current sense threshold during the
PWM high state. When the CTL pin voltage is less than
1V, the LED current is:
ILED = VCTL
When VCTL is higher than 1.1V, the LED current is clamped
to 1A.
The LED current programming feature can be used in
conjunction with the PWM to possibly increase the total
dimming range by an additional factor of ten.
80421 TA01a
LTM8042
RT
GND
CTL
VCC
BSTIN/BKLED–
RUN
TGEN
PWM
SYNC
SS
VIN
LED+
TG
BSTOUT/BKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com