Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2012 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SD2012
Description  Audio Frequency Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2012 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SD2012 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2012 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2012 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2012 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2012 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD2012
2009-12-01
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SD2012
Audio Frequency Power Amplifier Applications
• Low saturation voltage: VCE (sat) = 0.4 V (typ.) (IC = 2A / IB = 0.2A)
• High power dissipation: PC = 25 W (Tc = 25°C)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
3
A
Base current
IB
0.5
A
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
25
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)


Similar Part No. - 2SD2012

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2012 TOSHIBA-2SD2012 Datasheet
165Kb / 3P
NPN TRIPLE DIFFUSED TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
STMicroelectronics
2SD2012 STMICROELECTRONICS-2SD2012 Datasheet
228Kb / 5P
NPN SILICON POWER TRANSISTOR
2SD2012 STMICROELECTRONICS-2SD2012 Datasheet
127Kb / 5P
NPN SILICON POWER TRANSISTOR
Oct-2003
logo
Toshiba Semiconductor
2SD2012 TOSHIBA-2SD2012 Datasheet
131Kb / 5P
Silicon NPN Triple Diffused Type
logo
Inchange Semiconductor ...
2SD2012 ISC-2SD2012 Datasheet
83Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD2012

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1015A TOSHIBA-2SB1015A Datasheet
148Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
Continental Device Indi...
CSD880 CDIL-CSD880 Datasheet
185Kb / 3P
Audio Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SD1406 TOSHIBA-2SD1406 Datasheet
257Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS
2SJ338 TOSHIBA-2SJ338_07 Datasheet
125Kb / 3P
Audio-Frequency Power Amplifier Applications
2SA1358 TOSHIBA-2SA1358_07 Datasheet
120Kb / 4P
Audio Frequency Power Amplifier Applications
2SB1667 TOSHIBA-2SB1667_09 Datasheet
178Kb / 5P
Audio Frequency Power Amplifier Applications
2SD2012FM TOSHIBA-2SD2012FM Datasheet
133Kb / 5P
Audio Frequency Power Amplifier Applications
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SD1353 TOSHIBA-2SD1353 Datasheet
177Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
2SD1354 TOSHIBA-2SD1354 Datasheet
189Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com