Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ668 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SJ668
Description  Relay Drive, DC/DC Converter and Motor Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ668 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SJ668 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ668
2009-07-13
4
Vth − Tc
Case temperature Tc (°C)
0
−80
0
40
80
120
160
−40
−2.0
−0.4
−1.2
−0.8
−1.6
Common source
VDS = −10 V
ID = 1 mA
Pulse test
Capacitance – VDS
Drain-source voltage VDS (V)
10
100
1000
10000
−0.1
−1
−10
−100
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
RDS (ON) − Tc
Case temperature Tc (°C)
0
0.4
0.1
0.3
0.2
−40
−80
160
0
40
120
80
Common source
Pulse test
ID = −5 A
−2.5
−1.2
VGS = −10 V
VGS = −4 V
−5
−2.5
−1.2
IDR − VDS
Drain-source voltage VDS (V)
0.1
10
0.2
0
1.2
0.6
0.4
0.8
1.0
Common source
Tc
= 25°C
Pulse test
−10
−5
−3
−1
VGS = 0 V
1
Case temperature Tc (°C)
PD − Tc
40
10
20
30
0
0
80
200
40
160
120
Total gate charge Qg (nC)
Dynamic input/output
characteristics
−50
−40
0
−30
−20
−10
0
25
30
10
5
−10
−5
−20
−25
0
−15
VGS
VDS
VDD = −48 V
−12V
−24V
Common source
ID = −5 A
Ta
= 25°C
Pulse test
20
15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com