Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ668 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SJ668
Description  Relay Drive, DC/DC Converter and Motor Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ668 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SJ668 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ668
2009-07-13
5
rth − tw
Pulse width tw (s)
0.01
10
μ
100
μ
1 m
10 m
100 m
1
10
0.1
1
10
0.01
0.02
0.05
0.1
0.2
Duty
= 0.5
Single Pulse
T
PDM
t
Duty
= t/T
Rth (ch-c) = 6.25°C/W
Safe operating area
Drain-source voltage VDS (V)
ID max (continuous)
ID max (pulsed) *
DC operation
Tc
= 25°C
1 ms *
100
μs *
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
−0.1
−1
−10
−100
VDSS max
−1
−10
−100
−0.1
EAS – Tch
Channel temperature (initial) Tch (°C)
0
25
10
30
50
40
50
75
100
125
150
RG = 25 Ω
VDD = −25 V, L = 2.2 mH
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
⋅
⋅
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
20
Waveform
IAR
BVDSS
VDD
VDS
Test circuit
−15 V
0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com