Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ668 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SJ668
Description  Relay Drive, DC/DC Converter and Motor Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ668 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SJ668 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ668
2009-07-13
3
VDS – VGS
Gate-source voltage VGS (V)
0
−2.0
−0.4
−1.2
−0.8
−1.6
−4
0
−20
−8
−12
−16
−5
ID = −1.2 A
Common source
Tc
= 25°C
Pulse test
ID – VDS
Drain-source voltage VDS (V)
0
−5
−1
−3
−2
−4
0
−0.4
−2.0
−0.8
−1.2
−1.6
−10
−8
−6
−2.8
−3.5
−4.
VGS = −2.5V
Common source
Tc
= 25°C
Pulse test
−3
ID – VGS
Gate-source voltage VGS (V)
0
−10
−2
−6
−8
−1
0
−5
−3
−4
100
25
Tc
= −55°C
Common source
VDS = −10 V
Pulse test
−4
−2
⎪Yfs⎪ − ID
Drain current ID (A)
0.1
100
10
1
−0.1
−100
−1
Common source
VDS = −10 V
Pulse test
Tc
= −55°C
25
100
−10
ID – VDS
Drain-source voltage VDS (V)
0
−10
−2
−6
−4
−8
−2
0
−10
−4
−6
−8
−10
−8
−6
−4
−3.5
−3
VGS = −2.5 V
Common source
Tc
= 25°C
Pulse test
RDS (ON) − ID
Drain current ID (A)
0
0.4
0.5
0
−2
−10
Common source
Tc
= 25°C
Pulse test
−4
0.3
0.1
0.2
−6
−8
VGS = −10 V
−4 V
−2.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com