Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ668 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ668
Description  Relay Drive, DC/DC Converter and Motor Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ668 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ668 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ668 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ668
2009-07-13
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U−MOSIII)
2SJ668
Relay Drive, DC/DC Converter and Motor Drive
Applications
4 V gate drive
Low drain-source ON-resistance: RDS (ON) = 0.12 Ω (typ.)
High forward transfer admittance: |Yfs| = 5.0 S (typ.)
Low leakage current: IDSS = −100 μA (max) (VDS = −60 V)
Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
−60
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−60
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−5
A
Drain current
Pulse(Note 1)
IDP
−20
A
Drain power dissipation (Tc=25°C)
PD
20
W
Single pulse avalanche energy
(Note 2)
EAS
40.5
mJ
Avalanche current
IAR
−5
A
Repetitive avalanche energy (Note 3)
EAR
2
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
6.25
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
125
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −25 V, Tch = 25°C (initial), L = 2.2 mH, RG = 25 Ω,
IAR = −5 A
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
0.6 MAX.
0.6 MAX.
2.3
6.8 MAX.
0.95 MAX.
0.6
± 0.15
5.2
± 0.2
1
2
3
2.3
1. GATE
2. DRAIN
(
HEAT SINK)
3. SOURSE
3
2
1
JEDEC
―
JEITA
SC-64
TOSHIBA
2-7B1B
Weight: 0.36 g (typ.)
1.1
± 0.2
1.05 MAX.
2.3
± 0.15
5.2
± 0.2
0.8 MAX.
0.6 MAX.
6.5
± 0.2
1
2
3
0.6 MAX.
0.6
± 0.15
2.3
± 0.15
1. GATE
2. DRAIN
(
HEAT SINK)
3. SOURSE
3
2
1
JEDEC
―
JEITA
―
TOSHIBA
2-7J1B
Weight: 0.35 g (typ.)


Similar Part No. - 2SJ668

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ668 TOSHIBA-2SJ668 Datasheet
204Kb / 6P
Silicon P-Channel MOS Type Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ668 TOSHIBA-2SJ668 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SJ668 VBSEMI-2SJ668 Datasheet
988Kb / 8P
P-Channel 60-V (D-S) MOSFET
2SJ668. VBSEMI-2SJ668. Datasheet
976Kb / 7P
P-Channel 4 0 V (D-S) MOSFET
More results

Similar Description - 2SJ668

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
DC-DC Converter Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com