Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33781 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33781
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
register, the transfer is considered to have a framing error
and no write will occur.
Figure 16 shows the bit encoding for 32-bit SPI0 burst
transfers when the DBUS channel is set for long words. In
this transfer, the first byte contains the address of the control
register to be written to and read from, the second byte is the
data to/from that register, and the next two bytes are the data
to/from the next numerically successive registers. In the case
of reading or writing from the addressable FIFO registers, the
1st data byte would be the DnRnH byte, the next byte would
be the DnRnL byte, and the third byte would be the
DnRnSTAT byte as shown in Figure 15. Notice that in this
case, the 4th Tx byte is don’t care and is not written. If this
transfer would be sent to an address in the control register
section of the register bank, the bytes sent and returned
would be first the addressed register, and then the next
consecutive registers.
Figure 17 shows the bit encoding for 32-bit SPI0 burst
transfers when the DBUS channel is set for enhanced short
words. This transfer mode is only valid when accessing the
addressable FIFO portion of the register set. In this case, the
first byte is again the 1st address of the register to be
accessed in this read/write, the second byte contains the
upper two bits of the data to be written, and the third byte is
the lower 8-bits of data to be written. The SPI0 response
encoding begins with the 2nd byte in the transfer with the 4-
bit DBUS address of the slave, which sent the data contained
in the rest of the word. This is followed by the 10-bits of data
from the DBUS slave, and then the value in the DnRnSTAT
register.
Although it looks like the read and write for an address are
occurring at the same time, the changes caused earlier
during the same burst would not be reflected by the data
returned, because the DnRnSTAT register is latched at CS0
going low.
Refer to the section SPI0 Register and Bit Descriptions on
page 29 for the bit descriptions in Figure 15, Figure 16, and
Figure 17.
Figure 15. SPI0 Communications, 16-Bit Burst Transfer Bit Definitions
Figure 16. SPI0 Communications, 32-Bit Burst Transfer Long Word DBUS Transfer Bit Definitions
Bit 7
Bit6
BIt5
Bit4
Bit3
Bit2
Bit1
Bit0
First TX Byte
R/W
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
Second TX Byte
D7
D6
D5
D4
D3
D2
D1
D0
Bit 7
Bit6
BIt5
Bit4
Bit3
Bit2
Bit1
Bit0
First RX Byte
0
0
0
0
0
0
0
0
Second RX Byte
D7
D6
D5
D4
D3
D2
D1
D0
Bit 7
Bit6
BIt5
Bit4
Bit3
Bit2
Bit1
Bit0
First TX Byte
R/W
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
Second TX Byte
D15
D14
D13
D12
D11
D10
D9
D8
Third TX Byte
D7
D6
D5
D4
D3
D2
D1
D0
Fourth TX Byte
X
X
X
X
X
X
X
X
Bit 7
Bit6
BIt5
Bit4
Bit3
Bit2
Bit1
Bit0
First RX Byte
0
0
0
0
0
0
0
0
Second RX Byte
D15
D14
D13
D12
D11
D10
D9
D8
Third RX Byte
D7
D6
D5
D4
D3
D2
D1
D0
Fourth RX Byte
ER
TE
SDS
RNE
ICL
0
FIX1
FIX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com