Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33781 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33781
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BUS TRANSMITTER (DnH, DnL) (CONTINUED)
High Side Pseudo Bus Switch Resistance
ISWH=160mA
RSWH
–
8.0
16.0
Ω
Low Side Pseudo Bus Switch Resistance
ISWL=160mA
RSWL
–
8.0
16.0
Ω
Pseudo Bus Switch Matching
RPSMATCH
–
–
1.0
Ω
High Side Pseudo Bus Switch Leakage Current
DPH = Open: CH0 drivers in Idle, DPH = 0V or
CH0 drivers in Signal_H, DPH = 25V
IDPHLK
-20
–
20
μA
Low Side Pseudo Bus Switch Leakage Current
DPL = Open: CH0 drivers in Idle, DPL = 25V,or
CH0 drivers in Signal_H, DPL = 0V
IDPLLK
-20
–
20
μA
BUS RECEIVER (DnH, DnL)
Comparator Trip Point for High Side
COMPHIGH
5.0
6.0
7.0
mA
Comparator Trip Point for Low Side
COMPLOW
5.0
6.0
7.0
mA
Comparator Trip Point for Adder
COMPADD
6.0
12
18
mA
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75V
≤ VCC ≤ 5.25V, 9.0V ≤ VSUPn ≤ 25V,-40°C ≤ TA ≤ 90°C, unless otherwise
noted. Voltages relative to GND, unless otherwise noted. Typical values noted reflect the approximate mean values of the
parameter at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com