Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33781 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33781
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
nodes to charge. In the case of DLY changing, any partial
inter-frame delay based on old control settings is lost.
ENABLE (DISABLE) FUNCTION
When a DBUS channel is disabled, the 33781 device
forces its bus output to tri-state. When the channel is disabled
the channel addressed buffer data bits are cleared, the status
register bits are reset, and the transmit and receive queue
reset. Any DBUS transfer that was in progress is stopped.
CHANNEL LOOP FUNCTION
When loop mode is enabled the transmitter and receiver
circuits are connected within the IC. This allows data to be
passed directly through the transmit and receive circuits
without going out on the DBUS channel. When LOOP mode
is enabled the DBUS channel is disconnected from the
transmitter and receiver circuits so that any bus fault
conditions do not interfere with this test. When the loop
function is enabled, the EN bit in the DnEN register is cleared,
the buffer data bits are cleared, the status register bits are
reset, and the transmit and receive queue reset the by the
state machine. When the loop mode is exited the state
machine sets the registers to their reset state and resets the
transmit and receive queue. This allows proper start up of bus
transactions.
The channel queue pointers work the same as in non-loop
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com