Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33781 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33781 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Document Number: MC33781
Rev. 5.0, 11/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
Quad DSI 2.02 Master with
Differential Drive and
Frequency Spreading
The 33781 is a master device for four differential DSI 2.02 buses.
It contains the logic to interface the buses to a standard serial
peripheral interface (SPI) port and the analog circuitry to drive data
and power over the bus, as well as receive data from the remote slave
devices.
The differential mode of the 33781 generates lower
electromagnetic interference (EMI) in situations where data rates and
wiring make this a problem. Frequency spreading further reduces
interference by spreading the energy across many frequencies,
reducing the energy in any single frequency.
Features
• Four independent differential DSI (DBUS) channels
• Dual SPI interface
• Enhanced bus fault performance
• Automatic message cyclical redundancy checking (CRC)
generation and checking for each channel
• Enhanced register set with addressable buffer allows queuing of 4
independent slave commands at one time for each channel
• 8- to 16-Bit messages with 0- to 8-Bit CRC
• Independent frequency spreading for each channel
• Pseudo bus switch feature on channel 0
• Pb-free packaging designated by suffix code EK
Figure 1. 33781 Simplified Application Diagram
DIFFERENTIAL DSI 2.02 MASTER
33781
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33781EK/R2
-40°C to 90°C
32 SOICW EP
EK SUFFIX (PB-FREE)
98ASA10556D
32-PIN SOICW EP
VCC
SCLK0
CS0
MOSI0
MISO0
RST
CLK
SCLK1
MISO1
CS1
VSUP1
DPH
DPL
D0H
D0L
D1H
D1L
D2H
D2L
VCC
SCLK
CS
MOSI
MISO
RST
CLK
MCU1
33781
MCU2
SCLK1
MISO1
CS1
GND
+5.0V
GND
D3H
D3L
GND
2.2nF capacitors from DOH, D0L,
D1H, D1L, D2H, D2L, D3H and D3L
to circuit ground are required for
proper operation
DBUS SLAVE
DBUS SLAVE
DBUS SLAVE
DBUS SLAVE
DBUS SLAVE
+25V
VDD
VSS_IDDQ
AGND
VSS
1.0
μF
0.1
μF


Similar Part No. - 33781

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33781 FREESCALE-33781 Datasheet
1Mb / 44P
Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
More results

Similar Description - 33781

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC175 ONSEMI-MC74AC175 Datasheet
178Kb / 6P
QUAD D FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
Quad D Flip-flop with Master Reset
logo
Freescale Semiconductor...
33781 FREESCALE-33781 Datasheet
1Mb / 44P
Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
33784 FREESCALE-33784 Datasheet
1Mb / 30P
DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
logo
Linear Technology
LTC2874 LINER-LTC2874_15 Datasheet
716Kb / 44P
Quad IO-Link Master Hot Swap Controller and PHY
logo
NXP Semiconductors
TJA1124 NXP-TJA1124 Datasheet
275Kb / 23P
Quad LIN master transceiver
logo
WAGO Kontakttechnik Gmb...
750-641 WAGO-750-641 Datasheet
494Kb / 11P
DALI/DSI Master
logo
NXP Semiconductors
MC33SA0528 NXP-MC33SA0528 Datasheet
1Mb / 40P
Dual DSI master transceiver
Rev. 3.0, 7/2016
SJA1124 NXP-SJA1124 Datasheet
524Kb / 54P
Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com