Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5602DXLL Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5602DXLL
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DXLL Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5602DXLL Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
22
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions (VIN >VDD or
VIN <VSS), the voltage on pins with respect to ground (VSS) must not exceed the
recommended values.
4.5
Recommended operating conditions
Table 8. Recommended operating conditions (3.3 V)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR — Digital ground on VSS_HV pins
—
0
0
V
VDD
1
1 100 nF capacitance needs to be provided between each V
DD/VSS pair.
SR — Voltage on VDD_HV pins with respect to ground
(VSS)
—3.0
3.6
V
VSS_LV
2
2 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair.
SR — Voltage on VSS_LV (low voltage digital supply)
pins with respect to ground (VSS)
—VSS  0.1 VSS +0.1
V
VDD_BV
3
3 470 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
SR — Voltage on VDD_BV pin (regulator supply) with
respect to ground (VSS)
—3.0
3.6
V
Relative to VDD VDD  0.1 VDD +0.1
VSS_ADC SR — Voltage on VSS_HV_ADC (ADC reference) pin
with respect to ground (VSS)
—VSS  0.1 VSS +0.1
V
VDD_ADC
4
4 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
SR — Voltage on VDD_HV_ADC pin (ADC reference)
with respect to ground (VSS)
—3.05
5 Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL,
device is reset.
3.6
V
Relative to VDD VDD  0.1 VDD +0.1
VIN
SR — Voltage on any GPIO pin with respect to ground
(VSS)
—VSS  0.1
—
V
Relative to VDD
—VDD +0.1
IINJPAD
SR — Injected input current on any pin during overload
condition
—
55
mA
IINJSUM
SR — Absolute sum of all injected input currents during
overload condition
—
50
50
mA
TVDD
SR — VDD slope to ensure correct power up
6
6 Guaranteed by device validation
—
TBD
0.25
V/µs
TA
SR — Ambient temperature under bias
fCPU  48 MHz
40
125
°C
TJ
SR — Junction temperature under bias
—
40
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com