Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5602DXLL Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC5602DXLL
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DXLL Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5602DXLL Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
Electrical characteristics
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
31
Table 18. I/O weight1
PAD
100/64 LQFP
Weight 5V
SRC = 0
Weight 5V
SRC = 1
Weight 3.3V
SRC = 0
Weight 3.3V
SRC = 1
PB[3]
9%
9%
10%
10%
PC[9]
8%
8%
10%
10%
PC[14]
8%
8%
10%
10%
PC[15]
8%
11%
9%
10%
PA[2]
8%
8%
9%
9%
PE[0]
7%
7%
9%
9%
PA[1]
7%
7%
8%
8%
PE[1]
7%
10%
8%
8%
PE[8]
6%
9%
8%
8%
PE[9]
6%
6%
7%
7%
PE[10]
6%
6%
7%
7%
PA[0]
5%
7%
6%
7%
PE[11]
5%
5%
6%
6%
PC[11]
7%
7%
9%
9%
PC[10]
8%
11%
9%
10%
PB[0]
8%
11%
9%
10%
PB[1]
8%
8%
10%
10%
PC[6]
8%
8%
10%
10%
PC[7]
8%
8%
10%
10%
PA[15]
8%
11%
9%
10%
PA[14]
7%
11%
9%
9%
PA[4]
7%
7%
8%
8%
PA[13]
7%
10%
8%
9%
PA[12]
7%
7%
8%
8%
PB[9]
1%
1%
1%
1%
PB[8]
1%
1%
1%
1%
PB[10]
5%
5%
6%
6%
PD[0]
1%
1%
1%
1%
PD[1]
1%
1%
1%
1%
PD[2]
1%
1%
1%
1%
PD[3]
1%
1%
1%
1%
PD[4]
1%
1%
1%
1%
PD[5]
1%
1%
1%
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com