Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5602DXLL Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5602DXLL
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DXLL Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5602DXLL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
Introduction
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Introduction
1.1
Document overview
This document describes the device features and highlights the important electrical and physical characteristics.
1.2
Description
These 32-bit automotive microcontrollers are a family of system-on-chip (SoC) devices designed to be central to the
development of the next wave of central vehicle body controller, smart junction box, front module, peripheral body, door control
and seat control applications.
This family is one of a series of next-generation integrated automotive microcontrollers based on the Power Architecture
technology and designed specifically for embedded applications.
The advanced and cost-efficient e200z0 host processor core of this automotive controller family complies with the Power
Architecture technology and only implements the VLE (variable-length encoding) APU (auxiliary processing unit), providing
improved code density. It operates at speeds of up to 48 MHz and offers high performance processing optimized for low power
consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and is supported
with software drivers, operating systems and configuration code to assist with the user’s implementations.
The device platform has a single level of memory hierarchy and can support a wide range of on-chip static random access
memory (SRAM) and internal flash memory.
Table 1. MPC5602D device comparison
Feature
Device
MPC5601DxLH
MPC5601DxLL
MPC5602DxLH
MPC5602DxLL
CPU
e200z0
Execution speed
Static – up to 48 MHz
Code Flash
128 KB
256 KB
Data Flash
64 KB (4 × 16 KB)
SRAM
12 KB
16 KB
eDMA
16 ch
ADC
16 ch, 12-bit
33 ch, 12-bit
16 ch, 12-bit
33 ch, 12-bit
CTU
16 ch
Total timer I/O1
eMIOS
13 ch, 16-bit
28 ch, 16-bit
13 ch, 16-bit
28 ch, 16-bit
• Type X2
2ch
5 ch
2ch
5 ch
• Type Y3
—9 ch
—9 ch
• Type G4
7ch
7 ch
7ch
7 ch
• Type H5
4ch
7 ch
4ch
7 ch
SCI (LINFlex)
3
SPI (DSPI)
2
CAN (FlexCAN)
1
GPIO6
45
79
45
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com