Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5602DXLL Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5602DXLL
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DXLL Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5602DXLL Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5602DXLL Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
Electrical characteristics
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
39
4.10
Low voltage domain power consumption
Table 22 provides DC electrical characteristics for significant application modes. These values are indicative values; actual
consumption depends on the application.
Table 21. Low voltage monitor electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VPORUP
SR P Supply for functional POR module
—
1.0
—
5.5
V
VPORH
CC P Power-on reset threshold
TA = 25 °C,
after trimming
1.5
—
2.6
T
—
1.5
—
2.6
VLVDHV3H CC T LVDHV3 low voltage detector high threshold
—
—
—
2.9
VLVDHV3L
CC P LVDHV3 low voltage detector low threshold
—
2.6
—
TBD
VLVDHV5H
3
3 Data based on characterization results, not tested in production
CC T LVDHV5 low voltage detector high threshold
—
—
—
4.4
VLVDHV5L
CC P LVDHV5 low voltage detector low threshold
—
3.8
—
TBD
VLVDLVCORL CC P LVDLVCOR low voltage detector low threshold
—
1.08
—
—
VLVDLVBKPL CC P LVDLVBKP low voltage detector low threshold
—
1.08
—
1.11
Table 22. Low voltage power domain electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
IDDMAX
2
CC D RUN mode maximum
average current
——
100
TBD3
mA
IDDRUN
4
CC T RUN mode typical average
current5
fCPU = 8 MHz
—
TBD
—
mA
TfCPU = 16 MHz
—
TBD
—
TfCPU = 32 MHz
—
TBD
—
PfCPU = 48 MHz
—
TBD
—
IDDHALT
CC C HALT mode current6
Slow internal RC oscillator
(128 kHz) running
TA =25°C
—
TBD
TBD
mA
PTA = 125 °C
—
TBD
TBD
IDDSTOP
CC P STOP mode current7
Slow internal RC oscillator
(128 kHz) running
TA =25°C
—
150
TBD8
µA
DTA =55°C
—
TBD
—
DTA =85°C
—
TBD
—
mA
DTA = 105 °C
—
TBD
—
PTA = 125 °C
—
TBD
TBD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com