Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2829F3 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2829F3
Description  Very Low Output Negative Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2829F3 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2829F3 Datasheet HTML 1Page - New Japan Radio NJM2829F3 Datasheet HTML 2Page - New Japan Radio NJM2829F3 Datasheet HTML 3Page - New Japan Radio NJM2829F3 Datasheet HTML 4Page - New Japan Radio NJM2829F3 Datasheet HTML 5Page - New Japan Radio NJM2829F3 Datasheet HTML 6Page - New Japan Radio NJM2829F3 Datasheet HTML 7Page - New Japan Radio NJM2829F3 Datasheet HTML 8Page - New Japan Radio NJM2829F3 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJM2829
- 2 -
Ver.2011-01-27
OUTPUT VOLTAGE LANK LIST
Output Voltage Range: -0.8V to -1.3V
ABABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-14
V
Control Voltage
VCONT
+5
V
Output Sink Current
at OFF-state
ISINK(OFF)
10
mA
Power Dissipation
PD
250(*1)
mW
Operating Temperature
Topr
- 40
∼ +85
°C
Storage Temperature
Tstg
- 40
∼ +125
°C
(*1): Mounted on glass epoxy board. (114.3×76.2×1.6mm : 2layer,FR-4)
OPERATING VOLTAGE
VIN=-3.2 ∼ -12V
ELECTRICAL CHARACTERISTICS
(VIN=3.2V, VCONT=3V, CIN=0.1µF, Co=2.2µF(Vo > -0.9V :Co=4.7µF) , Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.5%
-
+1.5%
V
Quiescent Current
IQ
Io=0mA, except Icont
-
140
220
µA
Quiescent Current
at OFF-state
IQ(OFF)
VCONT=0V
-
-
100
nA
Output Current
Io
VO×0.9
100
130
-
mA
Line Regulation
∆Vo/∆VIN VIN=Vo-3.2V∼ -12V, Io=30mA
-
-
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼60mA
-
-
0.04
%/mA
Ripple Rejection
RR
VIN=-4.0V,ein=200mVrms,f=1kHz,
Io=10mA,Vo=-1.0V Version
-
80
-
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta
Ta=0
∼+85°C, Io=10mA
-
±50
-
ppm/°C
Output Noise Voltage
VNO
f=10Hz
∼80kHz, Io=10mA,
Vo=--1.0V Version
-
40
-
µVrms
CS Terminal Charge Current
Ics
VCS=0V
4
5.3
6.5
µA
Output Resistance
at OFF-state
RO(OFF)
VCONT=0V
-
560
-
Ω
Control Current
ICONT
VCONT=1.6V
-
2
4
µA
Control Voltage for
ON-state
VCONT(ON)
1.6
-
-
V
Control Voltage for
OFF-state
VCONT(OFF)
-
-
0.6
V
Input Voltage
VIN
-12
-
-
V
The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.
Device Name
Vout
NJM2829F3 -008
-0.8V
NJM2829F3 -095
-0.95V
NJM2829F3 -010
-1.0V
NJM2829F3 -012
-1.2V
NJM2829F3 -013
-1.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com