Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2829F3 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2829F3
Description  Very Low Output Negative Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2829F3 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2829F3 Datasheet HTML 1Page - New Japan Radio NJM2829F3 Datasheet HTML 2Page - New Japan Radio NJM2829F3 Datasheet HTML 3Page - New Japan Radio NJM2829F3 Datasheet HTML 4Page - New Japan Radio NJM2829F3 Datasheet HTML 5Page - New Japan Radio NJM2829F3 Datasheet HTML 6Page - New Japan Radio NJM2829F3 Datasheet HTML 7Page - New Japan Radio NJM2829F3 Datasheet HTML 8Page - New Japan Radio NJM2829F3 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM2829
- 5 -
Ver.2011-01-27
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Input Voltage : V IN(V)
NJM2829_-1.0V
Output Voltage vs. Input Voltage
@:Ta=25
oC
Co=2.2uF
(Ceramic)
Io=0A
Io=30mA
Io=100mA
0
0.2
0.4
0.6
0.8
1
1.2
050
100
150
200
@:Ta=25
oC
VIN=-3.2V
Co=2.2uF(Ceramic)
Output Current : Io(mA)
NJM2829_-1.0V
Output Voltage vs. Output Current
0
5
10
15
20
050
100
150
NJM2829_-1.0V
Ground Pin Current vs. Output Current
@ Ta=25C
o
Vin=-3.2V
Vcont=3V
Co=2.2uF
Output Current : Io(mA)
-80
-70
-60
-50
-40
-30
-20
-10
0
050
100
150
200
Output Current : Io(mA)
NJM2829_-1.0V
Load Regulation vs. Output Current
@:Ta=25
oC
VIN=-3.2V
Co=2.2uF(Ceramic)
0
5
10
15
20
25
30
01
23
45
Control Voltage : V
Cont
(V)
NJM2829_-1.0V
Control Current vs. Control Voltage
@:Ta=25
oC
VIN=-3.2V
Co=2.2uF(Ceramic)
Io=30mA
Rc=0
Ω
Rc=50k
Ω
Rc=100k
Ω
0
0.2
0.4
0.6
0.8
1
1.2
00.511.522.5
3
Control Voltage : V
Cont
(V)
NJM2829_-1.0V
Output Voltage vs. Control Voltage
@:Ta=25
oC
VIN=-3.2V
Co=2.2uF(Ceramic)
Io=30mA
Rc=0
Ω
Rc=50k
Ω
Rc=100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com