Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2829F3 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2829F3
Description  Very Low Output Negative Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2829F3 Datasheet(HTML) 8 Page - New Japan Radio

  NJM2829F3 Datasheet HTML 1Page - New Japan Radio NJM2829F3 Datasheet HTML 2Page - New Japan Radio NJM2829F3 Datasheet HTML 3Page - New Japan Radio NJM2829F3 Datasheet HTML 4Page - New Japan Radio NJM2829F3 Datasheet HTML 5Page - New Japan Radio NJM2829F3 Datasheet HTML 6Page - New Japan Radio NJM2829F3 Datasheet HTML 7Page - New Japan Radio NJM2829F3 Datasheet HTML 8Page - New Japan Radio NJM2829F3 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM2829
- 8 -
Ver.2011-01-27
0.95
0.975
1
1.025
1.05
-50
0
50
100
150
Temperature Ta (
oC)
NJM2829_-1.0V
Output Voltage vs. Temperature
@:VIN=-3.2V
Io=30mA
Co=2.2uF(Ceramic)
0
0.3
0.6
0.9
1.2
-50
0
50
100
150
200
Temperature Ta (
oC)
NJM2829_-1.0V
Output Voltage vs. Temperature
@:VIN=-3.2V
Io=30mA
Co=2.2uF(Ceramic)
0
50
100
150
200
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2829_-1.0V
Short Circuit Current vs. Temperature
@:VIN=-3.2V
Output is short to ground.(VI)
Co=2.2uF(Ceramic)
0
50
100
150
200
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2829_-1.0V
Maximum Output Current vs. Temperature
@:VIN=-3.2V
Vo=Vo x 0.9
Co=2.2uF(Ceramic)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com