Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2829F3 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2829F3
Description  Very Low Output Negative Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2829F3 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2829F3 Datasheet HTML 1Page - New Japan Radio NJM2829F3 Datasheet HTML 2Page - New Japan Radio NJM2829F3 Datasheet HTML 3Page - New Japan Radio NJM2829F3 Datasheet HTML 4Page - New Japan Radio NJM2829F3 Datasheet HTML 5Page - New Japan Radio NJM2829F3 Datasheet HTML 6Page - New Japan Radio NJM2829F3 Datasheet HTML 7Page - New Japan Radio NJM2829F3 Datasheet HTML 8Page - New Japan Radio NJM2829F3 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NJM2829
- 1 -
Ver.2011-01-27
Very Low Output Negative Voltage Regulator
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJM2829 is a negative voltage regulator that delivers up
to 100mA output current with the output voltage of -0.8 to -1.3V
with ON/OFF control.
Advanced Bipolar technology achieves low noise, high ripple rejection,
and high precision voltage.
It has soft-start and shunt SW function. 2.2
µF Output capacitor
and small package can make NJM2829 suitable for portable
items
FEATURES
• High Precision Output
VO±1.5%
• High Ripple Rejection
80dB typ. (f=1kHz, VO=-1.0V version )
• Output Capacitor with 2.2µF ceramic capacitor
• Output Current
IO(max)=100mA
• ON/OFF Control (Positive voltage control from 0V to +5V)
• Soft-start Function
• Shunt SW Function
• Built-in Thermal Overload Protection and Short Circuit Current Limit Protection
• Bipolar Technology
• Package Outline
SC-88A
PIN CONNECTION
BLOCK DIAGRAM
123
4
5
123
4
5
1. GND
2. VIN
3. VOUT
4. CONTROL
5. CS
NJM2829F3
NJM2829F3
Current
Limit
Bandgap
Reference
Output
Control
Thermal
Protection
GND
CS
CONTROL
VIN
VOUT


Similar Part No. - NJM2829F3

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2829F3 -080 NISSHINBO-NJM2829F3 -080 Datasheet
220Kb / 11P
Very Low Output Negative Voltage Regulator
Ver.2012-09-07
NJM2829F3 -095 NISSHINBO-NJM2829F3 -095 Datasheet
220Kb / 11P
Very Low Output Negative Voltage Regulator
Ver.2012-09-07
NJM2829F3 -100 NISSHINBO-NJM2829F3 -100 Datasheet
220Kb / 11P
Very Low Output Negative Voltage Regulator
Ver.2012-09-07
NJM2829F3 -120 NISSHINBO-NJM2829F3 -120 Datasheet
220Kb / 11P
Very Low Output Negative Voltage Regulator
Ver.2012-09-07
NJM2829F3 -130 NISSHINBO-NJM2829F3 -130 Datasheet
220Kb / 11P
Very Low Output Negative Voltage Regulator
Ver.2012-09-07
More results

Similar Description - NJM2829F3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC59 MICROCHIP-TC59 Datasheet
570Kb / 20P
Low Dropout, Negative Output Voltage Regulator
2002
logo
STMicroelectronics
LD49300 STMICROELECTRONICS-LD49300 Datasheet
561Kb / 20P
3A Very low drop for low output voltage regulator
01-Dec-2006
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
1.5A Very low drop for low output voltage regulator
18-Apr-2007
logo
New Japan Radio
NJM2847 NJRC-NJM2847 Datasheet
55Kb / 4P
Very Low Output Voltage Series Regulator
NJM2827 NJRC-NJM2827 Datasheet
233Kb / 10P
Negative Output Low Drop Out voltage regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
TC595002ECBTR MICROCHIP-TC595002ECBTR Datasheet
555Kb / 20P
Low Dropout, Negative Output Voltage Regulator
05/01/02
logo
Asahi Kasei Microsystem...
AP1156ADSXX AKM-AP1156ADSXX Datasheet
780Kb / 25P
Negative Input / Output Voltage LDO Regulator
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
3-pin negative output voltage regulator
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com