Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4706 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 45Page - Microchip Technology MCP4706 Datasheet HTML 46Page - Microchip Technology MCP4706 Datasheet HTML 47Page - Microchip Technology MCP4706 Datasheet HTML 48Page - Microchip Technology MCP4706 Datasheet HTML 49Page - Microchip Technology MCP4706 Datasheet HTML 50Page - Microchip Technology MCP4706 Datasheet HTML 51Page - Microchip Technology MCP4706 Datasheet HTML 52Page - Microchip Technology MCP4706 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 49
MCP4706/4716/4726
6.0
MCP47X6 I2C COMMANDS
The I2C protocol does not specify how commands are
formatted, so this section specifies the MCP47X6’s I2C
command formats and operation.
The commands can be grouped into the following
categories:
• Write memory
• Read memory
• General Call commands
The supported commands are shown in Table 6-2.
Many of these commands allow for continuous
operation. This means that the I2C Master does not
generate a Stop bit but repeats the required data/
clocks. This allows faster updates since the overhead
of the I2C control byte is removed. Table 6-1 shows the
supported commands and the required number of bit
clocks for both single and continuous commands.
Write commands, determined by the R/W bit = ‘0’, use
up to three command codes bits (C2:C0) to determine
the write’s operation.
The Read command is strictly determined by the R/W
bit = ‘1’. There are two formats of the command. One
for 12-bit and 10-bit devices and a second for 8-bit
devices.
The
General
Call
commands
utilize
the
I2C
specification reserved General Call command address
and command codes.
TABLE 6-1:
I2C COMMANDS - NUMBER
OF CLOCKS
6.0.1
ABORTING A TRANSMISSION
A Restart or Stop condition in an expected data bit
position will abort the current command sequence and
data will not be written to the MCP47X6.
TABLE 6-2:
MCP47X6 SUPPORTED COMMANDS
Command
# of Bit
Clocks
(1)
Operation
Mode
Write Volatile DAC Register
Command (2)
Single
29
Continuous 18n + 11
Write Volatile Memory
Command
Single
38
Continuous 27n + 11
Write All Memory Command
Single
38
Continuous 27n + 11
Write Volatile Configuration
bits Command
Single
20
Continuous
9n + 11
Read Command (12 and 10-bit
DAC register) (2)
Single
65
Continuous 54n + 11
Read Command (8-bit DAC
register) (2)
Single
47
Continuous 36n + 11
Note 1:
“n” indicates the number of times the
command operation is to be repeated.
2:
This command is useful to determine when
an EEPROM programming cycle has
completed (RDY/BSY status bit)
Command
Code
(Note 1) Command Name
Writes Volatile
Memory?
Writes
EEPROM
Memory?
Command
during
EEPROM
Write Cycle?
Comment
C2 C1 C0
Config. DAC Config. DAC
00
X
Write Volatile DAC Register
Command (Note 2)
PD1:PD
0 only
Yes
No
No
No
Writes
volatile
Power
Down bits so can also be
used to exit a power down
state.
01
0
Write Volatile Memory Command
Yes
Yes
No
No
No
01
1
Write All Memory Command
Yes
Yes
Yes
Yes
No
10
0
Write Volatile Configuration bits
Command
Yes
No
No
No
No
10
1
Reserved
N.A.
N.A.
N.A.
N.A.
N.A.
Reserved (Note 3)
11
0
11
1
N.A.
N.A.
N.A.
N.A.
Reserved (Note 3)
N.A.
Read Command
N.A.
N.A.
N.A.
N.A.
Yes
Determined by R/W bit in
I2C Control byte
General Call Reset
N.A.
N.A.
N.A.
N.A.
No
Determined by General
Call command byte after
the
I2C
General
Call
address.
General Call Wake-up
N.A.
N.A.
N.A.
N.A.
No
Note 1:
These bits are the MSb of the 2nd byte in the I2C write command. See Figure 6-1 to Figure 6-4.
2:
X = Don’t Care bit. This command format does not use C0 bit.
3:
Device operation is not specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com