Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4706 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 4Page - Microchip Technology MCP4706 Datasheet HTML 5Page - Microchip Technology MCP4706 Datasheet HTML 6Page - Microchip Technology MCP4706 Datasheet HTML 7Page - Microchip Technology MCP4706 Datasheet HTML 8Page - Microchip Technology MCP4706 Datasheet HTML 9Page - Microchip Technology MCP4706 Datasheet HTML 10Page - Microchip Technology MCP4706 Datasheet HTML 11Page - Microchip Technology MCP4706 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 8
© 2011 Microchip Technology Inc.
1.1
I2C Mode Timing Waveforms and Requirements
FIGURE 1-1:
Power-On and Brown-Out Reset Waveforms.
FIGURE 1-2:
I2C Power-Down Command Timing.
TABLE 1-1:
RESET TIMING
Timing Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Up Reset
Delay
tPORD
—
60
—
µs
Monitor ACK bit response to ensure device
responds to command.
Brown Out Reset
Delay
tBORD
—1
—
µs
VDD transitions from VDD(MIN) → > VPOR
VOUT driven to VOUT disabled
Power Down Disable
Time Delay
TPDD
—2.5
—
µs
VDD = 5V
PD1:PD0
→ ‘00’ (from ‘01’, ‘10’, or ‘11’),
from falling edge SCL at end of ACK bit.
—5
—
µs
VDD = 3V
PD1:PD0
→ ‘00’ (from ‘01’, ‘10’, or ‘11’),
from falling edge SCL at end of ACK bit.
Power Down Enable
Time Delay
TPDE
—
10.5
—
µs
PD1:PD0
→ ‘01’, ‘10’, or ‘11’ (from ‘00’),
from falling edge SCL at end of ACK bit.
VDD
SDA
tPORD
tBORD
VOUT
SCL
VIH
VIH
VPOR (VBOR)
VOUT pulled down by internal
500 k
Ω (typical) resistor
I2C Interface is operational
SDA
SCL
ACK
Stop
Start
ACK
VOUT
tPDE
tPDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com