Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4706 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 9Page - Microchip Technology MCP4706 Datasheet HTML 10Page - Microchip Technology MCP4706 Datasheet HTML 11Page - Microchip Technology MCP4706 Datasheet HTML 12Page - Microchip Technology MCP4706 Datasheet HTML 13Page - Microchip Technology MCP4706 Datasheet HTML 14Page - Microchip Technology MCP4706 Datasheet HTML 15Page - Microchip Technology MCP4706 Datasheet HTML 16Page - Microchip Technology MCP4706 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 13
MCP4706/4716/4726
111
TSP
Input filter spike
suppression
(SDA and SCL)
100 kHz mode
—
50
ns
NXP Spec states N.A.
400 kHz mode
—
50
ns
1.7 MHz mode
—
10
ns
Spike suppression
3.4 MHz mode
—
10
ns
Spike suppression
—
—
—
ns
Standard Mode,
(Not Applicable)
50 (typ)
—
—
ns
Fast Mode
10 (typ)
—
—
ns
High Speed Mode 1.7
10 (typ)
—
—
ns
High Speed Mode 3.4
TABLE 1-3:
I2C BUS DATA REQUIREMENTS (SLAVE MODE) (CONTINUED)
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +125°C (Extended)
Operating Voltage VDD range is described in Electrical characteristics
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2:
A fast-mode (400 kHz) I2C-bus device can be used in a standard-mode (100 kHz) I2C-bus system, but the
requirement tSU;DAT ≥ 250 ns must then be met. This will automatically be the case if the device does not
stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal,
it must output the next data bit to the SDA line.
TR max.+tSU;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I
2C bus specification) before
the SCL line is released.
3:
The MCP47X6 device must provide a data hold time to bridge the undefined part between VIH and VIL of
the falling edge of the SCL signal. This specification is not a part of the I2C specification, but must be tested
in order to ensure that the output data will meet the setup and hold specifications for the receiving device.
4:
Use Cb in pF for the calculations.
5:
Not Tested. This parameter ensured by characterization.
6:
A Master Transmitter must provide a delay to ensure that difference between SDA and SCL fall times do
not unintentionally create a Start or Stop condition.
If this parameter is too short, it can create an unintentional Start or Stop condition to other devices on the
I2C bus line. If this parameter is too long, the Data Input Setup (TSU:DAT) or Clock Low time (TLOW) can be
affected.
Data Input: This parameter must be longer than tSP.
Data Output: This parameter is characterized, and tested indirectly by testing TAA parameter.
7:
Ensured by the TAA 3.4 MHz specification test.
8:
The specification is not part of the I
2
C specification. TAA = THD:DAT + TFSDA (or TRSDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com