Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4706 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 1 Page - Microchip Technology

  MCP4706 Datasheet HTML 1Page - Microchip Technology MCP4706 Datasheet HTML 2Page - Microchip Technology MCP4706 Datasheet HTML 3Page - Microchip Technology MCP4706 Datasheet HTML 4Page - Microchip Technology MCP4706 Datasheet HTML 5Page - Microchip Technology MCP4706 Datasheet HTML 6Page - Microchip Technology MCP4706 Datasheet HTML 7Page - Microchip Technology MCP4706 Datasheet HTML 8Page - Microchip Technology MCP4706 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 1
MCP4706/4716/4726
Features
• Output Voltage Resolutions
- 12-bit: MCP4726
- 10-bit: MCP4716
-8-bit: MCP4706
• Rail-to-Rail Output
• Fast Settling Time of 6 µs (typical)
• DAC Voltage Reference Options
-VDD
-VREF Pin
• Output Gain Options
- Unity (1x)
- 2x, only when VREF pin is used as voltage
source
• Nonvolatile Memory (EEPROM)
- Auto Recall of Saved DAC register setting
- Auto Recall of Saved Device Configuration
(Voltage Reference, Gain, Power Down)
• Power-Down Modes
- Disconnects output buffer
- Selection of VOUT pull-down resistors
(640 k
Ω, 125 kΩ, or 1 kΩ)
• Low Power Consumption
- Normal Operation: 210 µA typ.
- Power Down Operation: 60 nA typ.
(PD1:PD0 = “11”)
• Single-Supply Operation: 2.7V to 5.5V
•I2C™ Interface:
- Eight Available Addresses
- Standard (100 kbps), Fast (400 kbps), and
High-Speed (3.4 Mbps) Modes
• Small 6-lead SOT-23 and DFN (2x2) Packages
• Extended Temperature Range: -40°C to +125°C
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Low Power Portable Instrumentation
• PC Peripherals
• Data AcquisitionSystems
• Motor Control
Package Types
Description
The MCP4706/4716/4726 are single channel 8-bit,
10-bit, and 12-bit buffered voltage output Digital-to-
Analog Converters (DAC) with nonvolatile memory and
an I2C Serial Interface. This family will also be referred
to as MCP47X6.
The VREF pin or the device VDD can be selected as the
DAC’s reference voltage. When VDD is selected, VDD is
connected internally to the DAC reference circuit.
When the VREF pin is used, the user can select the
output buffer’s gain to 1 or 2. When the gain is 2, the
VREF pin voltage should be limited to a maximum of
VDD/2.
The DAC Register value and configuration bits can be
programmed to nonvolatile memory (EEPROM). The
nonvolatile memory holds the DAC Register and
configuration bit values when the device is powered off.
A device reset (such as a Power On Reset) latches
these stored values into the volatile memory.
Power-down modes enable system current reduction
when the DAC output voltage is not required. The VOUT
pin can be configured to present a low, medium, or high
resistance load.
These devices have a two-wire I2C™ compatible serial
interface for standard (100 kHz), fast (400 kHz), or high
speed (3.4 MHz) mode.
These devices are available in small 6-pin SOT-23 and
DFN 2x2 mm packages.
1
2
3
4
5
6
VOUT
SCL
SDA
VSS
SOT-23-6
VDD
MCP4706 / 16 / 26
2x2 DFN-6*
SCL
SDA
VSS
1
2
3
6
5
4
VOUT
EP
7
VDD
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VREF
VREF
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
with EEPROM and I2C Interface


Similar Part No. - MCP4706

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
More results

Similar Description - MCP4706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Microchip Technology
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Microchip Technology
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com