Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9501 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9501
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9501 Datasheet(HTML) 4 Page - Microchip Technology

  MCP9501 Datasheet HTML 1Page - Microchip Technology MCP9501 Datasheet HTML 2Page - Microchip Technology MCP9501 Datasheet HTML 3Page - Microchip Technology MCP9501 Datasheet HTML 4Page - Microchip Technology MCP9501 Datasheet HTML 5Page - Microchip Technology MCP9501 Datasheet HTML 6Page - Microchip Technology MCP9501 Datasheet HTML 7Page - Microchip Technology MCP9501 Datasheet HTML 8Page - Microchip Technology MCP9501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP9501/2/3/4
DS22268A-page 4
© 2011 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, TA = -40°C to +125°C, GND = Ground, RPULL-UP = 10 kΩ
(MCP9501/3 only) and 0.1 µF bypass capacitor.
FIGURE 2-1:
Temperature Accuracy.
FIGURE 2-2:
Hysteresis vs. Temperature.
FIGURE 2-3:
Supply Current vs.
Temperature.
FIGURE 2-4:
Leakage vs. Temperature.
FIGURE 2-5:
VOL,VOH vs. Temperature.
FIGURE 2-6:
Power On Reset Threshold
vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
-40
-20
0
204060
80
100
120
TA (°C)
Spec. Limits
+ St. Dev.
Average
- St. Dev.
VDD = 4.1V
32 units
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40 -20
0
204060
80 100 120
T
A (°C)
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
HYST = VSS
HYST = VDD
10
15
20
25
30
35
40
-40
-20
0
20406080
100
120
TA (°C)
VDD = 5.5V
VDD = 4.1V
VDD = 2.7V
0.00
0.02
0.04
0.06
0.08
0.10
-40
-20
0
20
406080
100
120
T
A (°C)
HYST Input Pin
Open-Drain Output
(MCP9501/03 only)
0%
5%
10%
15%
20%
-40 -20
0
20
406080 100 120
T
A (°C)
80%
85%
90%
95%
100%
VOH, VDD = 5.5V
VOH, VDD = 4.1V
VOH, VDD = 2.7V
VOL, VDD = 5.5V
VOL, VDD = 4.1V
VOL, VDD = 2.7V
45
55
65
75
85
95
105
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
80
100 120
V
P
O
R
H
y
s
te
re
s
is
(m
V
)
V
P
O
R
(V
)
TA (°C)
V
POR
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com