Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9501 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9501
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9501 Datasheet(HTML) 1 Page - Microchip Technology

  MCP9501 Datasheet HTML 1Page - Microchip Technology MCP9501 Datasheet HTML 2Page - Microchip Technology MCP9501 Datasheet HTML 3Page - Microchip Technology MCP9501 Datasheet HTML 4Page - Microchip Technology MCP9501 Datasheet HTML 5Page - Microchip Technology MCP9501 Datasheet HTML 6Page - Microchip Technology MCP9501 Datasheet HTML 7Page - Microchip Technology MCP9501 Datasheet HTML 8Page - Microchip Technology MCP9501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2011 Microchip Technology Inc.
DS22268A-page 1
MCP9501/2/3/4
Features
• Factory Set Temperature Switch
• Available Temperature Switch Thresholds:
-TSET = -35°C,-25°C, -15°C, -5°C, 5°C, 15°C,
25°C, 35°C, 45°C, 55°C, 65°C, 75°C, 85°C,
95°C, 105°C, 115°C, 125°C
• Wide Operating Voltage Range: 2.7V to 5.5V
• Low Supply Current: 25 µA (typical)
• Temperature Switch Accuracy:
- ±1°C (typical)
- ±4°C (maximum) -15°C to +75°C
- ±6°C (maximum) -40°C to +125°C
• Switch Threshold Options (Hot/Cold):
- Rising Temp.: MCP9501/2 (Hot Option)
- Falling Temp.: MCP9503/4 (Cold Option)
• Output Configuration Options:
- Active Low, Open-Drain Output: MCP9501/3
– Uses External Pull-up Resistor
- Active-High, Push-Pull Output: MCP9502/4
• User Selectable Hysteresis: 2°C or 10°C (typical)
• 5-lead SOT-23 package
Applications
• Power Supply Critical Temperature Shutdown
• Temperature Alarm
• Thermostat Control
•Fan Control
• Base-Stations
• Automotive
Typical Performance
Description
Microchip Technology’s MCP9501/2/3/4 family of
devices are temperature switches with ±1°C (typical)
accurate factory set output thresholds. These devices
are ideal for high power supply systems where an
overtemperature protection circuit is needed. These
devices do not require external components, consume
25 µA (typical), and the factory set thresholds provide
simplicity.
In addition, this family of devices provide user
selectable 2°C and 10°C (typical) switch hysteresis,
and various output configurations. The MCP9501/2
outputs switch for rising temperatures while the
MCP9503/4 switch for falling temperature, with the
relative hysteresis at the set thresholds. This family of
devices is also available with Active-High Push-Pull
and Active-Low Open-Drain outputs, the MCP9502/4
and the MCP9501/3, respectively. The Push-Pull
output is ideal for a microcontroller interface while the
Open-Drain output can be used for level shifting, wired-
OR configuration, or as a heater on/off switch.
The MCP9501/2/3/4 operate from 2.7V to 5.5V supply.
This family is available with space saving 5-lead
SOT-23 package.
Package Types
0%
10%
20%
30%
40%
50%
Temperature Accuracy (°C)
TA = -35°C to 125°C
VDD = 4.1V
32 Units
4
1
2
3
5
GND
Hyst
SOT-23-5
MCP9501/2/3/4
GND
Output
VDD
Temperature Switch with Selectable Hysteresis


Similar Part No. - MCP9501

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9501 MICROCHIP-MCP9501 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
More results

Similar Description - MCP9501

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC07 MICROCHIP-TC07 Datasheet
250Kb / 12P
3V Logic Output Temperature Sensor with Programmable Hysteresis
2005
logo
PIC GmbH
PMC-2003 PIC-PMC-2003 Datasheet
23Kb / 1P
Wide Hysteresis Reed Switch
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
High-Voltage Hysteresis Selectable Temperature Switch
logo
Microchip Technology
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com