Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9501 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP9501
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9501 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP9501 Datasheet HTML 2Page - Microchip Technology MCP9501 Datasheet HTML 3Page - Microchip Technology MCP9501 Datasheet HTML 4Page - Microchip Technology MCP9501 Datasheet HTML 5Page - Microchip Technology MCP9501 Datasheet HTML 6Page - Microchip Technology MCP9501 Datasheet HTML 7Page - Microchip Technology MCP9501 Datasheet HTML 8Page - Microchip Technology MCP9501 Datasheet HTML 9Page - Microchip Technology MCP9501 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCP9501/2/3/4
DS22268A-page 6
© 2011 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Ground (GND)
The GND pin is the system ground pin. Pin 2 must be
connected to system ground. Pin 1 can also be
connected to system ground which would provide
better thermal conduction to the die.
3.2
Hysteresis Input (HYS)
This is an input pin which can be connected to VDD or
GND
to
select
output
hysteresis.
Either
2°C
(HYST = GND) or 10°C (HYST = VDD) of typical
hysteresis can be selected.
3.3
Power Pin (VDD)
The operating voltage range, as specified in the DC
electrical specification table, is applied on this pin.
3.4
Switch Output (Output)
This output is triggered when temperature rises or falls
beyond the programmed trip temperature threshold.
MCP9501/3 require an external pull-up resistor.
MCP9501/2/3/4
Symbol
Description
SOT-23-5
1
GND
Ground
2
GND
Ground (must be connected to ground)
3
HYST
Hysteresis Selection Input:
HYST = GND
→ Hysteresis is 2°C (typical)
HYST = VDD → Hysteresis is 10°C (typical)
4VDD
Power pin
5
Output
Output Options:
MCP9501
→ Open-Drain, Active-Low Output (Hot-Option)
MCP9502
→ Push-Pull, Active-High Output (Hot-Option)
MCP9503
→ Open-Drain, Active-Low Output (Cold-Option)
MCP9504
→ Push-Pull, Active-High Output (Cold-Option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com