Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9501 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP9501
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9501 Datasheet(HTML) 2 Page - Microchip Technology

  MCP9501 Datasheet HTML 1Page - Microchip Technology MCP9501 Datasheet HTML 2Page - Microchip Technology MCP9501 Datasheet HTML 3Page - Microchip Technology MCP9501 Datasheet HTML 4Page - Microchip Technology MCP9501 Datasheet HTML 5Page - Microchip Technology MCP9501 Datasheet HTML 6Page - Microchip Technology MCP9501 Datasheet HTML 7Page - Microchip Technology MCP9501 Datasheet HTML 8Page - Microchip Technology MCP9501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MCP9501/2/3/4
DS22268A-page 2
© 2011 Microchip Technology Inc.
OUTPUT FUNCTIONAL DESCRIPTION
Temperature
COLD
HOT
V
Output
Hysteresis
THYST TSET
MCP9501, Hot-Option (Open-Drain, Active-Low)
Temperature
V
Output
COLD
HOT
Hysteresis
THYST TSET
MCP9502, Hot-Option (Push-Pull, Active-High)
Temperature
V
Output
COLD
HOT
TSET THYST
Hysteresis
MCP9503, Cold-Option (Open-Drain, Active-Low)
COLD
HOT
V
Output
Hysteresis
TSET THYST
MCP9504, Cold-Option (Push-Pull, Active-High)
Temperature
Note:
Available temperature thresholds for
Option P or for rising temperature
only: +5°C, +15°C, +25°C, +35°C,
+45°C, +55°C, +65°C, +75°C, +85°C,
+95°C, +105°C, +115°C, +125°.
Note:
Available temperature thresholds for
Option P or for rising temperature
only: +5°C, +15°C, +25°C, +35°C,
+45°C, +55°C, +65°C, +75°C, +85°C,
+95°C, +105°C, +115°C, +125°.
Note:
Available temperature thresholds for
Option P or for rising temperature
only: +5°C, +15°C, +25°C.
Note:
Available temperature thresholds for
Option N or for falling temperature
only: -35°C, -25°C, -15°C, -5°C.
Note:
Available temperature thresholds for
Option P or for rising temperature only:
+5°C, +15°C, +25°C.
Note:
Available temperature thresholds for
Option N or for falling temperature only:
-35°C, -25°C, -15°C, -5°C.
Note:
Contact
Microchip
for
all
other
threshold options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com