Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75RE Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT82K75RE
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75RE Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT82K75RE Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 43Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 44Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 45Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 46Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 47Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 48Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Application Circuits with EEPROM Data Memory
For 32-pin QFN Application Circuit
For 48-pin SSOP Application Circuit
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
45
November 24, 2010
H T 8 2 M 7 5 R E
V D D
0 . 1 m F
V D D
0 . 1 m F
1 0 0 k W
4 7 m F
C o n n e c t e d t o
V S S
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P B 1
P B 0 / S C S
R E S
L X
V S S L X
B A T _ I N
V D D
V S S
V S S P
N C
C o n n e c t e d t o
V D D
9
1 5 1 6
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
1 0 1 1 1 2 1 3 1 4
1
2
3
4
5
6
7
8
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
H T 8 2 K 7 5 R E
V D D
N C
B A T _ I N
V S S L X
L X
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P B 1
P B 0
P E 1
P E 2
P E 3
P E 4
P E 5
P E 6
P E 7
V S S P
V D D P
P C 2
P C 3
N C
V S S
R E S
P A 0
P A 1
P A 2 / T M R
P A 3
P A 4
P A 5
P A 6
P A 7
P D 0
P D 1
P D 2
P D 3
P D 4
P D 5
P D 6
P D 7
P B 0
P C 7
P C 6
P C 5
P C 4
V D D
0 . 1 m F
V D D
0 . 1 m F
1 0 0 k W
4 7 m F
C o n n e c t e d t o V S S
C o n n e c t e d t o V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com